Electronic Components Datasheet Search
  English  ▼

X  

CPFP4429 Datasheet(PDF) 1 Page - TT Electronics.

Part # CPFP4429
Description  HDMI & VGA FACE PLATE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CPFP4429 Datasheet(HTML) 1 Page - TT Electronics.

  CPFP4429 Datasheet HTML 1Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HDMI & VGA FACE PLATE
CABLE POWER: CPFP4429 CPFP4430
CPFP4431 CPFP4432 CPFP4433 CPFP4434
© TT Electronics plc
ISS.3 26/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
VGA connector
•
HDMI connector
•
Female connectors
•
Male connectors
•
Standard cable lengths 5m, 7m, 10m, 15m, 20m
Description:
Our single faceplate has a HDMI and VGA connector. The faceplate comes with female connectors on the front and
male connectors on the other end of cable. Cables comes in lengths of stub, 5m, 7m, 10m, 15m and 20m.
Part Number
Description
CPFP4429
HDMI and VGA Face Plate White 5m Cable
CPFP4430
HDMI and VGA Face Plate White 7m Cable
CPFP4431
HDMI and VGA Face Plate White 10m Cable
CPFP4432
HDMI and VGA Face Plate White 15m Cable
CPFP4433
HDMI and VGA Face Plate White 20m Cable
CPFP4434
HDMI and VGA Face Plate White USB Stub


Similar Part No. - CPFP4429

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CPFP4429-4K TTELEC-CPFP4429-4K Datasheet
207Kb / 1P
HDMI & VGA FACE PLATE
26/06/2020
More results

Similar Description - CPFP4429

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P131000 TRIPPLITE-P131000 Datasheet
518Kb / 2P
HDMI Male to VGA Female Adapter
logo
Axiomtek Co., Ltd.
IMB211 AXIOMTEK-IMB211_16 Datasheet
252Kb / 1P
Triple View display: DP/VGA/HDMI
logo
AAEON Technology
EPIC-KBS7 AAEON-EPIC-KBS7 Datasheet
478Kb / 2P
Basic VGA/HDMI/LVDS Display
logo
Tripp Lite. All Rights ...
N042-001-04-WH TRIPPLITE-N042-001-04-WH Datasheet
156Kb / 2P
4-Port Quad Outlet RJ45 Universal Keystone Face Plate / Wall Plate, White, TAA
N042-001-WH TRIPPLITE-N042-001-WH Datasheet
158Kb / 2P
2-Port Dual Outlet RJ45 Universal Keystone Face Plate / Wall Plate, White, TAA
logo
Chrontel, Inc.
CH7101B CHRONTEL-CH7101B Datasheet
172Kb / 7P
CH7101B HDMI to VGA Converter
Rev 1.1 2017-7-18
CH7036 CHRONTEL-CH7036 Datasheet
175Kb / 8P
CH7036 LVDS to HDMI/VGA/LVDS Converter
Rev. 1.5 06/30/2020
CH7104B CHRONTEL-CH7104B Datasheet
200Kb / 7P
CH7104B HDMI to HDTV/VGA Converter
Rev 1.5 2021-5-20
CH7105B CHRONTEL-CH7105B Datasheet
202Kb / 7P
CH7105B HDMI to SDTV/VGA Converter
Rev 1.5 2021-5-20
CH7106B CHRONTEL-CH7106B Datasheet
202Kb / 7P
CH7106B HDMI to SDTV/HDTV/VGA Converter
Rev 1.5 2021-5-20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com