Electronic Components Datasheet Search
  English  ▼

X  

CPFP4439 Datasheet(PDF) 1 Page - TT Electronics.

Part # CPFP4439
Description  HDMI FACE PLATE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CPFP4439 Datasheet(HTML) 1 Page - TT Electronics.

  CPFP4439 Datasheet HTML 1Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HDMI FACE PLATE
CABLE POWER: CPFP4435 CPFP4436
CPFP4437 CPFP4438 CPFP4439 CPFP4440
© TT Electronics plc
ISS.3 26/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
DMI, VGA, USB type A connector
•
HDMI connector
•
Female connectors
•
Male connectors
•
Standard cable lengths 5m, 7m, 10m, 15m, 20m
Description:
Our single faceplate has a HDMI, VGA and USB type A connector. This standard faceplate comes with female connectors on
the front and male connectors on the other end of cable, comes in lengths of stub, 5m, 7m, 10m, 15m and 20m. The USB
connection will be a stub cable only.
Part Number
Description
CPFP4435
HDMI Face Plate White 5m Cable
CPFP4436
HDMI Face Plate White 7m Cable
CPFP4437
HDMI Face Plate White 10m Cable
CPFP4438
HDMI Face Plate White 15m Cable
CPFP4439
HDMI Face Plate White 20m Cable
CPFP4440
HDMI Face Plate White USB Stub


Similar Part No. - CPFP4439

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CPFP4439-4K TTELEC-CPFP4439-4K Datasheet
202Kb / 1P
HDMI FACE PLATE
26/06/2020
More results

Similar Description - CPFP4439

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E200001 ETC2-E200001 Datasheet
96Kb / 3P
Accessories - DataTuff짰 Industrial Face Plate Single Gang 1-Port
E200002 ETC2-E200002 Datasheet
95Kb / 3P
Accessories - DataTuff짰 Industrial Face Plate Single Gang 1-Port
logo
Tripp Lite. All Rights ...
P167000 TRIPPLITE-P167000 Datasheet
505Kb / 2P
HDMI over Dual Cat5-Cat6 Extender Wall Plate Kit with Transmitter and Receiver
logo
P-tec Corporation
PDC56A-CXDXXX P-TEC-PDC56A-CXDXXX Datasheet
885Kb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC56C-CXDW01 P-TEC-PDC56C-CXDW01 Datasheet
821Kb / 8P
Gray Face, White Segments or Black Face, White Segments
PDC300-CXDXXX P-TEC-PDC300-CXDXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC563-CXMXXX P-TEC-PDC563-CXMXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC30SM-CXDXXX P-TEC-PDC30SM-CXDXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
logo
Tripp Lite. All Rights ...
N042-001-04-WH TRIPPLITE-N042-001-04-WH Datasheet
156Kb / 2P
4-Port Quad Outlet RJ45 Universal Keystone Face Plate / Wall Plate, White, TAA
N042-001-WH TRIPPLITE-N042-001-WH Datasheet
158Kb / 2P
2-Port Dual Outlet RJ45 Universal Keystone Face Plate / Wall Plate, White, TAA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com