Electronic Components Datasheet Search
  English  ▼

X  

CW20 Datasheet(PDF) 2 Page - TT Electronics.

Part # CW20
Description  Tubular Cement Coated Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CW20 Datasheet(HTML) 2 Page - TT Electronics.

  CW20 Datasheet HTML 1Page - TT Electronics. CW20 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tubular Cement Coated
Wirewound Resistors
CW Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
120
Issue C · 04.03
Welwyn Components
Application Notes
If air cooling of these components is employed the power
handling capability is increased substantially. The graphs below
are intended as a guide and testing by the user is recommended.
Maximum
Typical
Notes
Load: 1000 hours at 25°C
∆R%
5
2
Derating from rated power at 25°C
∆R%
Zero at 280°C
Short term overload
∆R%
5
1
5 x Power rating for 10 seconds
Climatic
∆R%
5
1
Tested to BS 40201-002
Temperature rapid change
∆R%
1
0.5
Tested to BS 40201-002
No flow
500
1000
Cu Ft / min
300
250
200
150
100
50
0
0
1020
3040
50
Power watts
No flow
500
1000
Cu Ft / min
300
250
200
150
100
50
0
0
1020
30
4050
6070
80
90
100
Power watts
Graph 1
CW 10 Temperature rise ventilated
Graph 2
CW 20 Temperature rise ventilated
Packaging
Components are packed in custom designed trays and boxes
for maximum protection during transit and ease of use by the
customer.
Type
CW10
CW20
Box
400
150
Shipping box
4000
1500
Performance Data
Standard Quantities Per Box
CW_C.qxd
28/4/03
10:42 am
Page 2
OBSOLETE-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com