Electronic Components Datasheet Search
  English  ▼

X  

GCF1S Datasheet(PDF) 3 Page - TT Electronics.

Part # GCF1S
Description  General Purpose Carbon Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

GCF1S Datasheet(HTML) 3 Page - TT Electronics.

  GCF1S Datasheet HTML 1Page - TT Electronics. GCF1S Datasheet HTML 2Page - TT Electronics. GCF1S Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Packaging
All GCF resistors are supplied ammo tape packed ready for loading on to automatic sequencing and insertion machines.
Component wires will not protrude beyond the outside edge of the tapes.
Alternative packaging available by request
Application Notes
If the resistors are to dissipate full rated power, it is recommended that the terminations should not be soldered closer than 4mm
from the body. Due to operating temperature limits imposed by some PCB materials, derating may be necessary.
GCF resistors can also be supplied with radial, goalpost or lancet pre-formed leads. Consult Factory for details.
Ordering Procedure
Example: GCF1/4 small size at 10 kilohms and 5% tolerance and ammo packed in a box with a standard quantity of 5000pcs.
GCF1 / 4S – 10K J A5
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
J
5%
Packing
Radial
Goalpost
Lanset
A5
A1
A05
Ammo
Pack
GCF1 8 ,
GCF2, GCF3S
5000 / Box
1000 / Box
500 / Box
GCF1 4 , GCF1 4 S, GCF1 2 S,
GCF1 2 , GCF1, GCF1S, GCF2S
f1
f2
6
6
B
Body location f1-f2 < 1.4mm
W
GCF
W
¼
¼S
½
½S
1
1S
2
2S
3S
B
52
5
52
5
52
5
52
5
52
5
52
10
52
5
67
10
67
10
67
10
Issue A . 11.06
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
GCF Series
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com