Electronic Components Datasheet Search
  English  ▼

X  

GS-3 Datasheet(PDF) 1 Page - TT Electronics.

Part # GS-3
Description  Thick Film Semi-Precision Metal Glaze™ Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

GS-3 Datasheet(HTML) 1 Page - TT Electronics.

  GS-3 Datasheet HTML 1Page - TT Electronics. GS-3 Datasheet HTML 2Page - TT Electronics. GS-3 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thick Film Semi-Precision
Metal Glaze™ Power Resistors
GS-3 Series
Superior surge performance
Resistance range from 1Ω - 3MΩ
Standard tolerances of ±1%, ±2%, ±5%
Power rating of 3W @25°C; 2W @70°C
Effective as carbon composite replacement
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Thick Film Semi-Precision
Metal Glaze™
Power Resistors
Electrical Data
GS-3 Series
• Superior surge performance
• Resistance range from 1
Ω - 3MΩ
• Standard tolerances of ±1%, ±2%, ±5%
• Power rating of 3W @25°C; 2W @70°C
• Effective as carbon composite replacement
Environmental Data
GS-3 Series Issue October 2008 Sheet 1 of 3
Part
Number
Power Rating
(Watts)
Resistance
Range
(Ohms)
Tolerance
(±%)
TCR
(±ppm/°C)
Maximum
Operating
Voltage
(Volts)
Dielectric
Withstanding
Voltage
(Volts)
GS-3
2.0 (@ 70°C)
3.0 (@ 25°C)
1.0 - 3M
1, 2, 5
50 (>10
Ω)
100, 200 (
≥ 1 )
1000
1000
Test
Maximum ∆R Limits
MIL-R-26
MIL-R-10509D
MIL-R-22684
GS-3
TCR
±ppm/°C
30
100
200
100/50
Load life
0.5
1.0
2.0
2.0
Short term overload
0.20
0.50
0.50
0.20
Moisture
0.20
1.50
1.50
0.40
Temperature Cycling
0.20
0.50
-
0.20
Solder Effect
-
0.50
0.50
0.20
Termination Strength
0.10
0.20
0.50
0.10
Shock
0.10
0.50
0.50
0.10
Vibration
0.10
0.50
0.50
0.10
Operating Temperature
-55°C to +175°C
%∆R
%∆R
%∆R
%∆R
%∆R
%∆R
%∆R
%∆R
Make Possible
Resistors
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Thick Film Semi-Precision
Metal Glaze™
Power Resistors
Electrical Data
GS-3 Series
• Superior surge performance
• Resistance range from 1
Ω - 3MΩ
• Standard tolerances of ±1%, ±2%, ±5%
• Power rating of 3W @25°C; 2W @70°C
• Effective as carbon composite replacement
Environmental Data
GS-3 Series Issue October 2008 Sheet 1 of 3
Part
Number
Power Rating
(Watts)
Resistance
Range
(Ohms)
Tolerance
(±%)
TCR
(±ppm/°C)
Maximum
Operating
Voltage
(Volts)
Dielectric
Withstanding
Voltage
(Volts)
GS-3
2.0 (@ 70°C)
3.0 (@ 25°C)
1.0 - 3M
1, 2, 5
50 (>10
Ω)
100, 200 (
≥ 1 )
1000
1000
Test
Maximum ∆R Limits
MIL-R-26
MIL-R-10509D
MIL-R-22684
GS-3
TCR
±ppm/°C
30
100
200
100/50
Load life
0.5
1.0
2.0
2.0
Short term overload
0.20
0.50
0.50
0.20
Moisture
0.20
1.50
1.50
0.40
Temperature Cycling
0.20
0.50
-
0.20
Solder Effect
-
0.50
0.50
0.20
Termination Strength
0.10
0.20
0.50
0.10
Shock
0.10
0.50
0.50
0.10
Vibration
0.10
0.50
0.50
0.10
Operating Temperature
-55°C to +175°C
%∆R
%∆R
%∆R
%∆R
%∆R
%∆R
%∆R
%∆R
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)
09.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
OBSOLETE


Similar Part No. - GS-3

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
Thick Film Semi-Precision Metal Glaze??Power Resistors
logo
IRC - a TT electronics ...
GS-31001000F IRCTT-GS-31001000F Datasheet
682Kb / 2P
Thick Film Semi-Precision Metal Glaze Power Resistors
GS-31001000FLF IRCTT-GS-31001000FLF Datasheet
682Kb / 2P
Thick Film Semi-Precision Metal Glaze Power Resistors
GS-31001000FLFSLT IRCTT-GS-31001000FLFSLT Datasheet
176Kb / 3P
Thick Film Semi-Precision Metal Glaze Power Resistors
GS-31001000FLFT24 IRCTT-GS-31001000FLFT24 Datasheet
176Kb / 3P
Thick Film Semi-Precision Metal Glaze Power Resistors
More results

Similar Description - GS-3

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CMH IRCTT-CMH Datasheet
238Kb / 3P
Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
GF-07D1002F IRCTT-GF-07D1002F Datasheet
218Kb / 2P
Thick Film Metal Glaze Resistor
GS-3501000F IRCTT-GS-3501000F Datasheet
682Kb / 2P
Thick Film Semi-Precision Metal Glaze Power Resistors
GS-3501000FLFSLT IRCTT-GS-3501000FLFSLT Datasheet
176Kb / 3P
Thick Film Semi-Precision Metal Glaze Power Resistors
RL07S1001G IRCTT-RL07S1001G Datasheet
152Kb / 3P
Semi-Precision Mil-Qualified Metal Glaze Resistor
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
High Voltage Metal Glaze Film Resistors
logo
Vishay Siliconix
DCRCWP VISHAY-DCRCWP Datasheet
91Kb / 6P
Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
21-Jan-14
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
Thick Film Semi-Precision Metal Glaze??Power Resistors
logo
Vishay Siliconix
CRCW-PE3 VISHAY-CRCW-PE3 Datasheet
110Kb / 6P
Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
07-Apr-14
DCRCW-PE3 VISHAY-DCRCW-PE3 Datasheet
133Kb / 8P
Semi-Precision Thick Film Chip Resistors
04-Jul-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com