Electronic Components Datasheet Search
  English  ▼

X  

FDS6912. Datasheet(PDF) 5 Page - ON Semiconductor

Part # FDS6912.
Description  Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDS6912. Datasheet(HTML) 5 Page - ON Semiconductor

  FDS6912. Datasheet HTML 1Page - ON Semiconductor FDS6912. Datasheet HTML 2Page - ON Semiconductor FDS6912. Datasheet HTML 3Page - ON Semiconductor FDS6912. Datasheet HTML 4Page - ON Semiconductor FDS6912. Datasheet HTML 5Page - ON Semiconductor FDS6912. Datasheet HTML 6Page - ON Semiconductor FDS6912. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDS6912 Rev E (W)
Typical Characteristics (continued)
0
2
4
6
8
10
04
8
12
16
Qg, GATE CHARGE (nC)
ID = 6.3A
VDS = 5V
10V
15V
0.3
1
3
10
30
V
, DRAIN TO SOURCE VOLTAGE (V)
80
200
2000
DS
Ciss
f = 1 MHz
V
= 0V
GS
Coss
C rss
0.1
500
1000
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.1
0.2
0.5
1
2
5
10
20
0.01
0.05
0.5
2
10
20
100
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1s
100
ms
10s
10m
s
RD
S(O
N) LI
MIT
1m
s
100u
s
DC
V
= 10V
SINGLE PULSE
R
= 135 °C/W
T
= 25°C
GS
A
θJA
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
= 135°C/W
T = 25°
θJA
A
30
25
20
15
10
5
0
0.01
0.1
1
10
100
1000
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
= 135°C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com