Electronic Components Datasheet Search
  English  ▼

X  

LL4148 Datasheet(PDF) 5 Page - ON Semiconductor

Part # LL4148
Description  Small Signal Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LL4148 Datasheet(HTML) 5 Page - ON Semiconductor

  LL4148 Datasheet HTML 1Page - ON Semiconductor LL4148 Datasheet HTML 2Page - ON Semiconductor LL4148 Datasheet HTML 3Page - ON Semiconductor LL4148 Datasheet HTML 4Page - ON Semiconductor LL4148 Datasheet HTML 5Page - ON Semiconductor LL4148 Datasheet HTML 6Page - ON Semiconductor LL4148 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LL4148 Rev. 1.8
4
Typical Performance Characteristics (Continued)
Figure 7. Total Capacitance
Figure 8. Reverse Recovery Time vs.
Reverse Recovery Current
Figure 9. Average Rectified Current (IF(AV))
vs. Ambient Temperature (TA)
Figure 10. Power Derating Curve
0246
8
10
12
14
0.75
0.80
0.85
0.90
T
A = 25
oC
REVERSE VOLTAGE (V)
10
20
30
40
50
60
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Ta = 25
oC
Reverse Recovery Current, I
rr [mA]
Ta = 25°C
0
50
100
150
0
100
200
300
400
500
I
F(AV) -
AVERA
GE REC
TIFIED
CURRE
NT - mA
Ambient Temperature (
oC)
0
50
100
150
200
0
100
200
300
400
500
DO-35
Temperature [
oC]
SOD80



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com