Electronic Components Datasheet Search
  English  ▼

X  

HCPL2601 Datasheet(PDF) 7 Page - ON Semiconductor

Part # HCPL2601
Description  Single-Channel: 6N137, HCPL2601, HCPL2611 Dual-Channel: HCPL2630, HCPL2631 High Speed 10MBit/s Logic Gate Optocouplers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL2601 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button HCPL2601 Datasheet HTML 3Page - ON Semiconductor HCPL2601 Datasheet HTML 4Page - ON Semiconductor HCPL2601 Datasheet HTML 5Page - ON Semiconductor HCPL2601 Datasheet HTML 6Page - ON Semiconductor HCPL2601 Datasheet HTML 7Page - ON Semiconductor HCPL2601 Datasheet HTML 8Page - ON Semiconductor HCPL2601 Datasheet HTML 9Page - ON Semiconductor HCPL2601 Datasheet HTML 10Page - ON Semiconductor HCPL2601 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N137, HCPL2601, HCPL2611, HCPL2630, HCPL2631 Rev. 1.0.8
6
Typical Performance Curves (Continued)
Fig. 7 Pulse Width Distortion vs. Temperature
TA – TEMPERATURE (
°C)
TA – TEMPERATURE (
°C)
TA – TEMPERATURE (
°C)
TA – TEMPERATURE (
°C)
TA – TEMPERATURE (
°C)
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
80
100
RL = 4 k
Ω
RL = 1 k
Ω
RL = 350
Ω
F
Conditions:
I = 7.5mA
VCC = 5A
Fig. 8 Rise and Fall Time vs. Temperature
L
R = 4 k
Ω (tr)
Conditions:
IF = 7.5 mA
VCC = 5 V
RL = 1 k
Ω (tr)
RL = 350
Ω (tr)
RL = 1 k
Ω
RL = 4 k
Ω
(tf)
RL = 350
Ω
Fig. 9 Enable Propagation Delay vs. Temperature
RL = 4 k
Ω (TELH)
RL = 1 k
Ω (TELH)
RL = 350
Ω (TELH)
RL = 350
Ω
RL = 1 k
Ω
RL = 4 k
Ω
(TEHL)
Fig. 10 Switching Time vs. Temperature
RL = 1 k
Ω TPLH
RL = 350
Ω TPLH
RL = 4 k
Ω TPLH
RL = 1 k
Ω
RL = 4 k
Ω
RL = 350
Ω
TPHL
Fig. 11 High Level Output Current
vs. Temperature
VCC = 5.5 V
Conditions:
VO = 5.5 V
VE = 2.0 V
IF = 250
µA
0
20
40
60
80
0
100
200
300
400
500
600
0
20
40
60
80
100
120
20
40
60
80
100
120
0
5
10
15
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com