Electronic Components Datasheet Search
  English  ▼

X  

SX20AC Datasheet(PDF) 39 Page - Parallax Inc

Part # SX20AC
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX20AC Datasheet(HTML) 39 Page - Parallax Inc

Back Button SX20AC Datasheet HTML 35Page - Parallax Inc SX20AC Datasheet HTML 36Page - Parallax Inc SX20AC Datasheet HTML 37Page - Parallax Inc SX20AC Datasheet HTML 38Page - Parallax Inc SX20AC Datasheet HTML 39Page - Parallax Inc SX20AC Datasheet HTML 40Page - Parallax Inc SX20AC Datasheet HTML 41Page - Parallax Inc SX20AC Datasheet HTML 42Page - Parallax Inc SX20AC Datasheet HTML 43Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 39 of 51
Rev 1.6 11/20/2006
16.1.
Equivalent Assembler Mnemonics
Some
assemblers
support
additional
instruction
mnemonics that are special cases of existing instructions
or alternative mnemonics for standard ones. For example,
an assembler might support the mnemonic “CLC” (clear
carry), which is interpreted the same as the instruction
“clrb $03.0” (clear bit 0 in the STATUS register). Some
of the commonly supported equivalent assembler
mnemonics are described in Table 16-7.
Table 16-7: SX Equivalent Assembler Mnemonics
Syntax
Description
Equivalent
Cycles
CLC
Clear Carry bit
CLRB $03.0
1
CLZ
Clear Zero bit
CLRB $03.2
1
JMP W
Jump Indirect W
MOV $02,W
4 or 3 (see Note 1)
JMP PC+W
Jump Indirect W Relative
ADD $02,W
4 or 3 (see Note 1)
MODE imm4
Move Immediate to MODE
Register
MOV M,#lit
1
NOT W
Complement of W
XOR W,#$FF
1
SC
Skip if Carry bit set
SB $03.0
1 or 2 (see Note 2)
SKIP
Skip Next Instruction
SNB $02.0 or SB $02.0
4 or 2 (see Note 3)
Note 1: The JMP W and JMP PC+W instructions take 4 cycles in the Slow clocking mode, or 3 cycles in the Turbo clocking mode.
Note 2: The SC instruction takes 1 cycle if the tested condition is false or 2 cycles if the tested condition is true.
Note 3: The assembler converts the SKIP instruction into a SNB or SB instruction that tests the least significant bit of the program
counter, choosing SNB or SB so that the tested condition is always true. The instruction takes 4 cycles in the Slow clocking mode
or 2 cycles in theTurbo clocking mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com