Electronic Components Datasheet Search
  English  ▼

X  

F0448 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F0448_V01 Datasheet HTML 5Page - Renesas Technology Corp F0448_V01 Datasheet HTML 6Page - Renesas Technology Corp F0448_V01 Datasheet HTML 7Page - Renesas Technology Corp F0448_V01 Datasheet HTML 8Page - Renesas Technology Corp F0448_V01 Datasheet HTML 9Page - Renesas Technology Corp F0448_V01 Datasheet HTML 10Page - Renesas Technology Corp F0448_V01 Datasheet HTML 11Page - Renesas Technology Corp F0448_V01 Datasheet HTML 12Page - Renesas Technology Corp F0448_V01 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
F0448 Datasheet
X0008129 Rev.1.4
Feb 17, 2021
Page 9
2.3
Electrical Characteristics (3.4GHz to 3.8GHz)
See F0448 Typical Application Circuit. VCC = +5V, TC = +25°C, fRF = 3.6GHz specifications apply when operated
as a dual-channel RF DVGA, maximum gain setting, POUT = 0dBm, ZRFI = ZRFO = 50
Ω, Evaluation Board (EVKit)
traces and connectors are de-embedded, unless otherwise stated. For BOM details of this specific band, see
Table 11.
Table 3. Electrical Characteristics (3.4GHz to 3.8GHz)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Logic Input High
VIH
Applies for all logic levels.
1.07 [1]
V
Logic Input Low
VIL
Applies for all logic levels.
0.63
V
Logic Current
(CLK, DATA, CSb_A, CSb_B,
VCTRL0_A, VCTRL1_A,
VCTRL2_A, VCTRL0_B,
VCTRL1_B, VCTRL2_B)
IIH, IIL
-5
5
μA
Logic Current for Standby
(STBY_A, STBY_B) [2]
IIH-SB, IIL-SB
5V logic
-5
127
μA
3.3V logic
-5
87
1.8V logic
-5
47
Supply Current
ICC_2
Both channels on
220
270
mA
ICC_1
One channel on
110
142
ICC_STBY
Standby Mode
7
14
Startup Time
tSTART
50% of STBY going LOW to
Gain within ± 1dB with no
attenuation.
74
ns
DSA0 Adjustment Range
AADJ0
6dB step size
6
dB
DSA1 Adjustment Range
AADJ1
1dB step size
23
dB
DSA2 Adjustment Range
AADJ2
6dB step size
18
dB
Maximum Attenuation Glitch
ATTNG
2
dB
DSA0 Gain Settling Time
tDSA0_1
50% CTRL to within 0.1dB final
value, 0dB state to 6dB state
24
35
ns
tDSA0_2
50% CTRL to within 0.1dB final
value, 6dB state to 0dB state
18
35
DSA1 Gain Settling Time
tDSA1
50% of CSb to within 0.1dB final
value
300
ns
DSA2 Gain Settling Time
tDSA2_1
50% CTRL to within 0.1dB final
value, 0dB state to 18dB state
16
35
ns
tDSA2_2
50% CTRL to within 0.1dB final
value, 18dB state to 0dB state
15
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com