Electronic Components Datasheet Search
  English  ▼

X  

F0448EVB Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F0448EVB
Description  Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448EVB Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F0448EVB Datasheet HTML 9Page - Renesas Technology Corp F0448EVB Datasheet HTML 10Page - Renesas Technology Corp F0448EVB Datasheet HTML 11Page - Renesas Technology Corp F0448EVB Datasheet HTML 12Page - Renesas Technology Corp F0448EVB Datasheet HTML 13Page - Renesas Technology Corp F0448EVB Datasheet HTML 14Page - Renesas Technology Corp F0448EVB Datasheet HTML 15Page - Renesas Technology Corp F0448EVB Datasheet HTML 16Page - Renesas Technology Corp F0448EVB Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
F0448 Datasheet
X0008129 Rev.1.4
Feb 17, 2021
Page 13
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input 1dB Compression [4]
IP1dB
Full attenuation
25.5
dBm
Output 1dB Compression
OP1dB
17.5
dBm
Reverse Isolation
REVISO
21.5
dB
Channel Isolation [5]
CHISO
49
dB
Over voltage and temperature
48
Stability K factor
KFACT
Over entire temperature range
Up to 9GHz, VCC = 4.75V to 5.25V
1
unit
1.
Specifications in the minimum/maximum columns that are shown in bold italics are guaranteed by test. Specifications in these
columns that are not shown in bold italics are guaranteed by design characterization.
2.
During standby mode, SPI is to be left ON and previous state is maintained when device is powered up.
3.
Including frequency and ripple variations valid within each individual 3GPP band.
4.
Input 1dB compression point is a linearity figure of merit. For maximum RF input power, see Absolute Maximum Ratings.
5.
Signal applied to RFIN_A (RFIN_B), measure desired signal at RFOUT_A (RFOUT_B) and compare to signal level at
RFOUT_B (RFOUT_A). Maximum gain setting.
2.5
Thermal Characteristics
Table 5. Package Thermal Characteristics
Parameter
Symbol
Value
Unit
Junction to Ambient Thermal Resistance.
θ
JA
37.1
°C/W
Junction to Case Thermal Resistance.
(Case is defined as the exposed paddle)
θ
JC-BOT
9.1
°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com