Electronic Components Datasheet Search
  English  ▼

X  

D407 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # D407
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

D407 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  D407 Datasheet HTML 1Page - Alpha & Omega Semiconductors D407 Datasheet HTML 2Page - Alpha & Omega Semiconductors D407 Datasheet HTML 3Page - Alpha & Omega Semiconductors D407 Datasheet HTML 4Page - Alpha & Omega Semiconductors D407 Datasheet HTML 5Page - Alpha & Omega Semiconductors D407 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOD407
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
16.7
25
40
50
RqJC
2.5
3
Maximum Junction-to-Case
B
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RqJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
W
TA=70°C
1.6
Junction and Storage Temperature Range
-55 to 175
Power Dissipation
A
TA=25°C
PDSM
2.5
A
Repetitive avalanche energy L=0.1mH
C
mJ
Power Dissipation
B
TC=25°C
PD
W
TC=100°C
Avalanche Current
C
Continuous Drain
Current
G
Maximum
Units
Parameter
TC=25°C
TC=100°C
50
Absolute Maximum Ratings TA=25°C unless otherwise noted
ID
Gate-Source Voltage
Drain-Source Voltage
-60
Pulsed Drain Current
C
-12
-10
-30
P-Channel Enhancement
Mode Field Effect Transistor
°C
V
V
±20
25
A
-12
23
Features
VDS (V) = -60V
ID = -12A (VGS = -10V)
RDS(ON) < 115mW (VGS = -10V)
RDS(ON) < 150mW (VGS = -4.5V)
100% UIS tested
100% RG tested
General Description
The AOD407 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and low
gate resistance. With the excellent thermal
resistance of the DPAK package, this device is well
suited for high current load applications.
-RoHS Compliant
-Halogen Free*
G
D
S
TO252
DPAK
TopView
Bottom View
G
G
D
D
S
S
D
Rev.8.0: August 2019
www.aosmd.com
Page 1 of 6


Similar Part No. - D407

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
D40 NTE-D40 Datasheet
496Kb / 1P
Circuit Breakers
logo
EIC discrete Semiconduc...
D40 EIC-D40 Datasheet
112Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
Rev. 01 : March 03, 2021
logo
FranMar International I...
D40 FRANMAR-D40 Datasheet
127Kb / 1P
40 Watts DIL Type Wide Input Range DC - DC Converter
D40-X0 FRANMAR-D40-X0  Datasheet
127Kb / 1P
40 Watts DIL Type Wide Input Range DC - DC Converter
D40-X1 FRANMAR-D40-X1  Datasheet
127Kb / 1P
40 Watts DIL Type Wide Input Range DC - DC Converter
More results

Similar Description - D407

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com