Electronic Components Datasheet Search
  English  ▼

X  

CS-846 Datasheet(PDF) 1 Page - TEKTRONIX, INC

Part # CS-846
Description  High Speed Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

CS-846 Datasheet(HTML) 1 Page - TEKTRONIX, INC

  CS-846 Datasheet HTML 1Page - TEKTRONIX, INC CS-846 Datasheet HTML 2Page - TEKTRONIX, INC CS-846 Datasheet HTML 3Page - TEKTRONIX, INC CS-846 Datasheet HTML 4Page - TEKTRONIX, INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A Greater Measure of Confidence
www.keithley.com
1.888.KEITHLEY (U.S. only)
The Model 2303/2304A Power Supplies provide
both voltage control and power consumption
monitoring for automated testing of portable,
battery-operated devices. These power supplies
are optimized for testing battery-operated, wire-
less communication devices such as cellular
phones that undergo substantial load changes
for very short time intervals. These power sup-
plies exhibit outstanding voltage stability during
pulse load changes and can simultaneously
measure load currents, even if they are short
pulses. In addition, this family of power supplies
can sink current and, thus, take on the charac-
teristics of a discharged, rechargeable battery for
testing chargers and charger-control circuitry.
5a output Capacity
Both the 100W Model 2304A and the 45W Model
2303 can supply 5A (at 20V for the Model
2304A and 9V for the Model 2303) to serve the
peak pulse loading requirements of battery-oper-
ated devices. In both instruments, the maximum
current of 5A can be delivered continuously. The
Model 2304A can supply up to 20V DC while the
Model 2303 can supply up to 15V.
fast response to load Changes
Keithley’s High Speed Power Supplies are
designed to simulate the current drive capacity
of a battery. The power supplies simulate a bat-
tery’s response during a large load change by minimizing the maximum drop in voltage and recover-
ing to within 100mV of the original voltage in 40µs or less.
When a portable device such as a cellular phone switches from standby mode to the full power mode
of operation, the current draw on the power supply can change by as much as 1000%. While a bat-
tery’s voltage will decrease by the value of the voltage drop across the battery’s low internal resist-
ance, a conventional power supply will have a significant voltage drop (more than one volt) and take
milliseconds to recover to the original voltage level. For portable devices that operate at full power
only for short intervals, the full power event is over before a conventional power supply can recover.
For example, cellular phones designed in accordance with the GSM cellular phone standard transmit
and receive information in 576µs pulses. If the
power supply used to test them cannot recover
quickly enough, the performance of the device-
under-test will be compromised by the power
supply. If the power supply voltage drops below
the threshold of the phone’s low-battery detec-
tion circuitry for a sufficient amount of time, the
phone will turn off during testing, giving a false
indication of a failed device.
The Models 2303/2304A’s fast transient response
to large load changes will enable test engineers
to test their portable products properly and
eliminate false failures due to conventional
power supplies with slow response times. In
this way, the power supplies ensure maximum
production throughput when testing portable
devices.
• optimized for battery-powered
device testing
• ultra-fast transient response to
load changes
• 5a continuous output
• Pulse peak, average, and
baseline current measurements
• 100na DC current sensitivity
MoDEl 2304a
• 100W output (20V @ 5a)
• sinks up to 3a
MoDEl 2303
• 45W output (15V @ 3a, 9V @ 5a)
• sinks up to 2a
Power Supply
Voltage
100
µs/Div.
0.5 A/Div
500mV/Div.
GSM Phone Current
GND
Power Supply Voltage
100
µs/Div.
0.5 A/Div
500mV/Div.
GSM Phone Current
GND
Typical Power supply. Transient response
with 4.5m (15 ft) of cable and 1
W/lead
between source and GsM phone load.
Keithley’s High speed Power supply. Transient
response with 4.5m (15 ft) of cable and 1
W/
lead between source and GsM phone load.
Model 2303 or 2304a rear panel
2303, 2304a
High Speed Power Supplies


Similar Part No. - CS-846

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
CS-846 MOLEX4-CS-846 Datasheet
118Kb / 2P
Avikrimp??Seamless Butt Splice for 10-12 AWG Wire
More results

Similar Description - CS-846

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX622 MAXIM-MAX622 Datasheet
352Kb / 12P
High-Side Power Supplies
Rev 0; 4/91
logo
High Voltage Power Solu...
ACN2132L8 HVPSI-ACN2132L8 Datasheet
56Kb / 2P
HIGH VOLTAGE POWER SUPPLIES
ACN2234L25 HVPSI-ACN2234L25_15 Datasheet
515Kb / 2P
High Voltage Power Supplies
ACN2422L10 HVPSI-ACN2422L10_15 Datasheet
608Kb / 2P
High Voltage Power Supplies
logo
TDK Electronics
152A-4KV-NEG TDK-152A-4KV-NEG Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-1KV-POS TDK-102A-1KV-POS Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-5KV-NEG TDK-102A-5KV-NEG Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-20KV-POS TDK-102A-20KV-POS Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
102A-30KV-NEG TDK-102A-30KV-NEG Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
102A-6KV-POS TDK-102A-6KV-POS Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com