Electronic Components Datasheet Search
  English  ▼

X  

MDK110 Datasheet(PDF) 2 Page - ASEMI TECHNOLOGY., LTD

Part # MDK110
Description  Glass Passivated Rectifier Diode Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

MDK110 Datasheet(HTML) 2 Page - ASEMI TECHNOLOGY., LTD

  MDK110 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD MDK110 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD MDK110 Datasheet HTML 3Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MDK110 ; MDA110 ; MDC110
Performance Curves
300
A
Typ.
150
125
℃
25
℃
IF
0
0
VF
0.5
1.0
1.5
2.0 V
Fig1. Forward Characteristics
250
W
Three-Phase
125
Single-Phase
Pvtot
0
0 ID
50
100 A
Fig2. Power dissipation
0.5
3000
50Hz
℃/ W
A
Zth(j-C)
0.25
1500
0
0
0.001
0.01
0.1
1
10
100 S
1
10
cycles 100
Fig3. Transient thermal impedance
Fig4. Max Non-Repetitive Forward Surge
Current
200
A
160
120
Single-Phase
80
Three-Phase
40
ID
0
0 Tc
50
100
150 °C
Fig5.Forward Current Derating Curve
www.asemi88.com
2/4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com