Electronic Components Datasheet Search
  English  ▼

X  

AXANMTF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXANMTF
Description  ADAPTER,TYPE N-MALE TO TYPE TNC FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXANMTF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXANMTF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
K.BURGNER
1.31
33.3
.67
17.0
.43
11.0
.18
4.5
7/16-28 UNEF-2A
.79
20.0
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC ~ 11 GHz
VOLTAGE RATING: 500 VOLTS PEAK
DIELECTRIC WITHSTANDING VOLTAGE: 1000 VOLTS RMS
MISCELLANEOUS:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
B
B
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
CENTER CONTACTS
BRASS
GOLD PLATE
DIELECTRIC
TFE
-
GASKET
RUBBER
-
RETAINING RING
BRASS
NICKEL PLATE
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-NMTF
B
AXA-NMTF.SLDDRW
1
1
K.BURGNER
04/20/2010
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
04/20/2010
04/20/2010
A
B
INITIAL RELEASE
ECN 9754: REVISE MODEL AND UPDATE DRAWING AND DIMENSIONS
03/20/2019
DFRISIELLO
DFRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTER,TYPE N-MALE TO TYPE TNC FEMALE
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
DFRISIELLO
COLOR VARIATIONS
MAY OCCUR
04/20/2010
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - AXANMTF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXANMBF L-COM-AXANMBF Datasheet
87Kb / 1P
ADAPTER, N-MALE TO BNC FEMALE
08/10/12
AXANMDF L-COM-AXANMDF Datasheet
67Kb / 1P
N-MALE TO 7/16 DIN FEMALE ADAPTOR
06/27/13
AXANMNF90 L-COM-AXANMNF90 Datasheet
119Kb / 1P
ADP,N-Male to N-Female R/Angle
4/6/10
AXANMNM L-COM-AXANMNM Datasheet
30Kb / 1P
N-MALE TO N-MALE BARREL" ADAPTOR
04/01/16
AXANMNM90 L-COM-AXANMNM90 Datasheet
38Kb / 1P
N-MALE TO N-MALE RIGHT ANGLE ADAPTER
07/18/06
More results

Similar Description - AXANMTF

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
78800 AMPHENOL-78800 Datasheet
79Kb / 1P
ADAPTER N MALE TO TNC FEMALE
logo
Pasternack Enterprises,...
PE9089 PASTERNACK-PE9089 Datasheet
253Kb / 3P
N Female to TNC Male Adapter
PE9090 PASTERNACK-PE9090 Datasheet
254Kb / 3P
N Male to TNC Female Adapter
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
TNC Male to TNC Female Adapter
PE9447 PASTERNACK-PE9447 Datasheet
256Kb / 3P
Precision N Female to TNC Male Adapter
PE9448 PASTERNACK-PE9448 Datasheet
257Kb / 3P
Precision N Male to TNC Female Adapter
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
TNC Male to TNC Female Adapter
logo
List of Unclassifed Man...
5004 ETC2-5004 Datasheet
133Kb / 1P
TYPE N MALE TO SMA FEMALE ADAPTER
5010 ETC2-5010 Datasheet
132Kb / 1P
TYPE N FEMALE TO SMA MALE ADAPTER
8036 ETC2-8036 Datasheet
90Kb / 1P
TYPE N MALE TO TYPE N FEMALE ADAPTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com