Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD2104 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDCLVD2104
Description  Dual 1:4 Low Additive Jitter LVDS Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2104 Datasheet(HTML) 3 Page - Texas Instruments

  CDCLVD2104 Datasheet HTML 1Page - Texas Instruments CDCLVD2104 Datasheet HTML 2Page - Texas Instruments CDCLVD2104 Datasheet HTML 3Page - Texas Instruments CDCLVD2104 Datasheet HTML 4Page - Texas Instruments CDCLVD2104 Datasheet HTML 5Page - Texas Instruments CDCLVD2104 Datasheet HTML 6Page - Texas Instruments CDCLVD2104 Datasheet HTML 7Page - Texas Instruments CDCLVD2104 Datasheet HTML 8Page - Texas Instruments CDCLVD2104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
CDCLVD2104
www.ti.com
SCAS903A – JUNE 2010 – REVISED AUGUST 2010
PIN FUNCTIONS
PIN
TYPE
DESCRIPTION
NAME
NO.
VCC
8,15,28
Power
2.5V supplies for the device
GND
1,14
Ground
Device ground
INP0, INN0
9,10
Input
Differential input pair or single ended input
INP1, INN1
5,6
Input
Differential redundant input pair or single ended input
OUTP0, OUTN0
12,13
Output
Differential LVDS output pair no. 0
OUTP1, OUTN1
16,17
Output
Differential LVDS output pair no. 1
INP0/INN0 is the input
OUTP2, OUTN2
18,19
Output
Differential LVDS output pair no. 2
OUTP3, OUTN3
20,21
Output
Differential LVDS output pair no. 3
OUTP4, OUTN4
22,23
Output
Differential LVDS output pair no. 4
OUTP5, OUTN5
24,25
Output
Differential LVDS output pair no. 5
INP1/INN1 is the input
OUTP6, OUTN6
26,27
Output
Differential LVDS output pair no. 6
OUTP7, OUTN7
2,3
Output
Differential LVDS output pair no. 7
Bias voltage output for capacitive coupled inputs. If used, it is recommended to
VAC_REF0
11
Output
use a 0.1µF to GND on this pin.
Bias voltage output for capacitive coupled inputs. If used, it is recommended to
VAC_REF1
7
Output
use a 0.1µF to GND on this pin.
Input with an internal
EN
4
200k
Ω pull-up and
Control pin – enables or disables the outputs, (See Table 1)
pull-down
Thermal Pad
See thermal management recommendations
Table 1. Output Control Table
EN
CLOCK OUTPUTS
0
All outputs disabled (static "0")
OPEN
All outputs enabled
1
OUT0, OUT3 enabled and OUT4, OUT7 disabled (static "0")
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE / UNIT
VCC
Supply voltage range
–0.3 to 2.8 V
VI
Input voltage range
–0.2 to (VCC + 0.2) V
VO
Output voltage range
–0.2 to (VCC + 0.2) V
IOSD
Driver short circuit current
See Note (2)
ESD
Electrostatic discharge (HBM, 1.5 k
Ω, 100 pF)
>3000 V
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
The outputs can handle permanent short.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Device supply voltage
2.375
2.5
2.625
V
TA
Ambient temperature
-40
85
°C
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCLVD2104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com