Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD2104RHDR Datasheet(PDF) 9 Page - Texas Instruments

Part # CDCLVD2104RHDR
Description  Dual 1:4 Low Additive Jitter LVDS Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2104RHDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCLVD2104RHDR Datasheet HTML 5Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 6Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 7Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 8Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 9Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 10Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 11Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 12Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LVDS
100 W
Oscilloscope
LVDS
50 W
Phase Noise
Analyzer
OUTNx
OUTPx
80%
20%
0 V
tr
tf
VOD
VOH
VOL
V
(= 2 x V
)
OUT,DIFF,PP
OD
CDCLVD2104
www.ti.com
SCAS903A – JUNE 2010 – REVISED AUGUST 2010
TEST CONFIGURATIONS
Figure 5. LVDS Output DC Configuration During Device Test
Figure 6. LVDS Output AC Configuration During Device Test
Figure 7. DC Coupled LVCMOS Input During Device Test
Figure 8. Output Voltage and Rise/Fall Time
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CDCLVD2104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com