Electronic Components Datasheet Search
  English  ▼

X  

G5LE Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G5LE
Description  Cubic, Single-pole 10A Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LE Datasheet(HTML) 1 Page - Omron Electronics LLC

  G5LE Datasheet HTML 1Page - Omron Electronics LLC G5LE Datasheet HTML 2Page - Omron Electronics LLC G5LE Datasheet HTML 3Page - Omron Electronics LLC G5LE Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
G
5
L
E
G5LE
PCB Power Relay
Cubic, Single-pole 10A Power
Relay
• Ideal for a wide variety of applications such as home appliances, OA
equipments, vending machines, etc.
• Ambient Operating Temperature 85°C
• UL class-B coil insulation for standard model.
• UL, CSA, EN standards approved and conforms to Electrical
Appliance and Material Safety Law (300 V max.).
■Model Number Legend
■Application Examples
• Home appliances
• OA equipments
• Vending machines
■Ordering Information
Note. When ordering, add the rated coil voltage to the model number.
However, the notation of the coil voltage on the product case as well as on the packing will be marked as
@@ VDC.
■Ratings
RoHS Compliant
G5LE-
@@ @ - @ - @
—— — — —
12 3
4
5
1. Number of Poles
1: 1-pole
2. Contact Form
None: SPDT (1c)
A:
SPST-NO (1a)
3. Enclosure rating
None: Flux protection
4:
Fully sealed
4. Insulation System
None: Class B (Class F for -E versions)
CF:
Class F (UL and CSA only)
5. Approved Standards
None: Standard
E:
High capacity type
Terminal Shape
Enclosure rating
Flux protection
Fully sealed
Minimun
packing unit
Classification
Contact form
Model
Rated coil voltage
Model
Rated coil voltage
PCB terminals
Standard
SPDT (1c)
G5LE-1
5 VDC
G5LE-14
5 VDC
100 pcs/tray
12 VDC
12 VDC
24 VDC
24 VDC
G5LE-1-CF
5 VDC
G5LE-14-CF
5 VDC
12 VDC
12 VDC
24 VDC
24 VDC
SPST-NO (1a)
G5LE-1A
5 VDC
G5LE-1A4
5 VDC
12 VDC
12 VDC
24 VDC
24 VDC
G5LE-1A-CF
5 VDC
G5LE-1A4-CF
5 VDC
12 VDC
12 VDC
24 VDC
24 VDC
High capacity
SPDT (1c)
G5LE-1-E
5 VDC
---
12 VDC
24 VDC
SPST-NO (1a)
G5LE-1A-E
5 VDC
---
12 VDC
24 VDC
Classification
Standard type
High capacity type
Item
Load
Resistive load
Inductive load (cos
φ=0.4)
Resistive load
Contact type
Single
Contact material
Ag-alloy (Cd free)
Rated load
10 A at 120 VAC, 8 A at 30 VDC
5 A at 120 VAC, 4 A at 30 VDC
16 A at 250 VAC (NO)
12 A at 250 VAC (NC)
Rated carry current
10 A
16A (NO)/12A (NC)
Max. switching voltage
250 VAC, 125 VDC (30 VDC when UL/CSA standard is applied)
250 VAC
Max. switching current
10 A
5 A
16A (NO)/12A (NC)
Rated coil voltage
Example: G5LE-1 DC5


Similar Part No. - G5LE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE OMRON-G5LE Datasheet
154Kb / 5P
ACUBIC, SINGLE-POLE 10-A POWER RELAY
G5LE OMRON-G5LE Datasheet
828Kb / 8P
PCB Relay
G5LE-1 OMRON-G5LE-1 Datasheet
116Kb / 5P
PCB Relay
G5LE-1 OMRON-G5LE-1 Datasheet
154Kb / 5P
ACUBIC, SINGLE-POLE 10-A POWER RELAY
G5LE-1 OMRON-G5LE-1 Datasheet
828Kb / 8P
PCB Relay
More results

Similar Description - G5LE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE-14-DC24 OMRON-G5LE-14-DC24 Datasheet
751Kb / 6P
A Cubic, Single-pole 10-A Power Relay
G5LA-1-DC5 OMRON-G5LA-1-DC5 Datasheet
269Kb / 6P
A Cubic, Single-pole 10A Power Relay
G5LA-14-DC24 OMRON-G5LA-14-DC24 Datasheet
269Kb / 6P
A Cubic, Single-pole 10A Power Relay
G5LA14CFDC24 OMRON-G5LA14CFDC24 Datasheet
555Kb / 5P
A Cubic, Single-pole 10A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
A Cubic, Single-pole 10A Power Relay
logo
List of Unclassifed Man...
G5LA1ECF12DC ETC2-G5LA1ECF12DC Datasheet
176Kb / 5P
A Cubic, Single-pole 10A Power Relay
logo
Omron Electronics LLC
G5LA14DC12 OMRON-G5LA14DC12 Datasheet
269Kb / 6P
A Cubic, Single-pole 10A Power Relay
G5LE14DC12 OMRON-G5LE14DC12 Datasheet
751Kb / 6P
A Cubic, Single-pole 10-A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
A Cubic, Single-pole 10A Power Relay
G5LE OMRON-G5LE_V01 Datasheet
137Kb / 4P
Cubic, Single-pole 10A Power Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com