Electronic Components Datasheet Search
  English  ▼

X  

CDCUA877ZQL Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCUA877ZQL
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCUA877ZQL Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCUA877ZQL Datasheet HTML 3Page - Texas Instruments CDCUA877ZQL Datasheet HTML 4Page - Texas Instruments CDCUA877ZQL Datasheet HTML 5Page - Texas Instruments CDCUA877ZQL Datasheet HTML 6Page - Texas Instruments CDCUA877ZQL Datasheet HTML 7Page - Texas Instruments CDCUA877ZQL Datasheet HTML 8Page - Texas Instruments CDCUA877ZQL Datasheet HTML 9Page - Texas Instruments CDCUA877ZQL Datasheet HTML 10Page - Texas Instruments CDCUA877ZQL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
CDCUA877
SCAS769A – AUGUST 2006 – REVISED JUNE 2007
over recommended operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ten
Enable time, OE to any Y/Y
See Figure 12
8
ns
tdis
Disable time, OE to any Y/Y
See Figure 12
8
ns
tjit(cc+)
0
40
Cycle-to-cycle period jitter(2)
160 MHz to 410 MHz, See Figure 5
ps
tjit(cc-)
0
–40
t(φ)
Static phase offset time(3)
See Figure 6
–50
50
ps
t(φ)dyn
Dynamic phase offset time,(4)
See Figure 11
–20
20
ps
tsk(o)
Output clock skew(4)
See Figure 7
35
ps
160 MHz to 270 MHz, see Figure 8
–30
30
tjit(per)
Period jitter (2)(5)
ps
271 MHz to 410 MHz, see Figure 8
–20
20
160 MHz to 270 MHz, see Figure 9
–75
75
tjit(hper) Half-period jitter
(2) (5)
ps
271 MHz to 410 MHz, see Figure 9
–50
50
Σt(su)
|tjit(per)| + |t(φ)dyn| + tsk(o)
(6)
271 MHz to 410 MHz
80
ps
Σt(h)
|t(φ)dyn| + + tsk(o)
(6)
271 MHz to 410 MHz
60
ps
Slew rate, OE
See Figure 3 and Figure 8
0.5
SR
Input clock skew rate
See Figure 3 and Figure 8
1
2.5
4
V/ns
Output clock slew rate(7)(8)
See Figure 3 and Figure 8
1.5
2.5
3
Output differential-pair cross
VOX
See Figure 2
(VDDQ/2) – 0.1
(VDDQ/2) + 0.1
V
voltage(9)
SSC modulation frequency
30
33
kHz
SSC clock input frequency
0%
–0.5%
deviation
PLL loop bandwidth
2
MHz
(1)
There are two different terminations that are used with the following tests. The load/board in Figure 2 is used to measure the input and
output differential-pair cross voltage only. The load/board in Figure 3 is used to measure all other tests. For consistency, equal length
cables must be used.
(2)
This parameter is assured by design and characterization.
(3)
Phase static offset time does not include jitter.
(4)
For full frequency range of 160MHz to 410MHz.
(5)
Period jitter, half-period jitter specifications are separate specifications that must be met independently of each other.
(6)
In the frequency range of 271 MHz to 410 MHz, the minimum and maximum values of tjit(per) and t(φ)dyn and the maximum value for tsk(o)
must not exceed the corresponding minimum and maximum values of the 160 MHz to 270 MHz range. In addition, the sum of the
specified values for |tjit(per)|, |t(φ)dyn|, and tsk(o) must meet the requirements for the Σt(su) and the sum of the specified values for |t(φ)dyn|
and tsk(o) must meet the requirements for the Σt(h).
(7)
The output slew rate is determined from the IBIS model into the load shown in Figure 4.
(8)
To eliminate the impact of input slew rates on static phase offset, the input skew rates of reference clock input CK and CK and feedback
clock inputs FBIN and FBIN are recommended to be nearly equal. The 2.5-V/ns skew rates are shown as a recommended target.
Compliance with these typical values is not mandatory if it can adequately shown that alternative characteristics meet the requirements
of the registered DDR2 DIMM application.
(9)
Output differential-pair cross voltage specified at the DRAM clock input or the test load.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com