Electronic Components Datasheet Search
  English  ▼

X  

CLC001 Datasheet(PDF) 2 Page - Texas Instruments

Part # CLC001
Description  CLC001 Serial Digital Cable Driver with Adjustable Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLC001 Datasheet(HTML) 2 Page - Texas Instruments

  CLC001 Datasheet HTML 1Page - Texas Instruments CLC001 Datasheet HTML 2Page - Texas Instruments CLC001 Datasheet HTML 3Page - Texas Instruments CLC001 Datasheet HTML 4Page - Texas Instruments CLC001 Datasheet HTML 5Page - Texas Instruments CLC001 Datasheet HTML 6Page - Texas Instruments CLC001 Datasheet HTML 7Page - Texas Instruments CLC001 Datasheet HTML 8Page - Texas Instruments CLC001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CLC001
Serial Digital Cable Driver with Adjustable Outputs
General Description
The CLC001 is a monolithic, high-speed cable driver de-
signed for use in SMPTE 259M serial digital video and ITU-T
G.703 serial digital data transmission applications. The
CLC001 drives 75
Ω transmission lines (Belden 8281 or
equivalent) at data rates up to 622 Mbps. Controlled output
rise and fall times (400 ps typical) minimize transition-
induced jitter. The output voltage swing is adjustable from
800 mV
p-p to 1.0 Vp-p using an external resistor.
The CLC001’s output stage consumes less power than other
designs. The differential inputs accept LVDS signal levels,
LVPECL levels directly or PECL with attenuation networks.
All these make the CLC001 an excellent general purpose
high speed driver for high-speed, long distance data trans-
mission applications.
The CLC001 is powered from a single +3.3V supply and
comes in a small 8-pin SOIC package.
Key Specifications
n
400 ps rise and fall times
n
Data rates to 622 Mbps
n
100 mV differential input threshold
n
Low residual jitter
Features
n
Adjustable output amplitude
n
Differential input and output
n
Accepts LVPECL or LVDS input swings
n
Low power dissipation
n
Single +3.3V supply
Applications
n
Digital routers and distribution amplifiers
n
Coaxial cable driver for digital transmission lines
n
Twisted pair driver
n
Serial digital video interfaces for the commercial and
broadcast industry
n
SMPTE, Sonet/SDH, and ATM compatible driver
n
Buffer applications
10132910
622 Mbps Eye Pattern with STM-4 Signal Mask
Connection Diagram (8-Pin SOIC)
10132902
Order Number CLC001AJE
See NS Package Number M08A
February 2006
© 2006 National Semiconductor Corporation
DS101329
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com