Electronic Components Datasheet Search
  English  ▼

X  

CSD13306WT Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD13306WT
Description  CSD13306W 12 V N Channel NexFET™ Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD13306WT Datasheet(HTML) 4 Page - Texas Instruments

  CSD13306WT Datasheet HTML 1Page - Texas Instruments CSD13306WT Datasheet HTML 2Page - Texas Instruments CSD13306WT Datasheet HTML 3Page - Texas Instruments CSD13306WT Datasheet HTML 4Page - Texas Instruments CSD13306WT Datasheet HTML 5Page - Texas Instruments CSD13306WT Datasheet HTML 6Page - Texas Instruments CSD13306WT Datasheet HTML 7Page - Texas Instruments CSD13306WT Datasheet HTML 8Page - Texas Instruments CSD13306WT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CSD13306W
SLPS537 – MARCH 2015
www.ti.com
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com