Electronic Components Datasheet Search
  English  ▼

X  

2003-3607 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # 2003-3607
Description  LP, SMA P TO SMA J 0-6GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

2003-3607 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  2003-3607 Datasheet HTML 1Page - Infinite Electronics International, Inc. 2003-3607 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.88
.60
1
NOTES:
INTERPRET DIMENSIONS AND TOLERANCES PER
1.
ASME-Y14.5-2009.
REFERENCE CONTROL SOURCE FILE: 2003-3607.btw
2.
USE OUTDOOR-RATED MATERIAL, BLACK TEXT
3.
OVER WHITE BACKGROUND.
ITEM QTY
PART #
DESCRIPTION
1
1
2003-862-2
LABEL 1W X .75H WHITE
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
2003-3607
B
2
2
CATEGORY
PRODUCT DESCRIPTION
NONE
CAGE CODE
LP, SMA P TO SMA J 0-6GHz
T-Rev.D
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: AL6-SMSFBW-9.SLDDRW
L-COM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com