Electronic Components Datasheet Search
  English  ▼

X  

CSD87381PT Datasheet(PDF) 9 Page - Texas Instruments

Part # CSD87381PT
Description  CSD87381P Synchronous Buck NexFET™ Power Block II
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87381PT Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD87381PT Datasheet HTML 5Page - Texas Instruments CSD87381PT Datasheet HTML 6Page - Texas Instruments CSD87381PT Datasheet HTML 7Page - Texas Instruments CSD87381PT Datasheet HTML 8Page - Texas Instruments CSD87381PT Datasheet HTML 9Page - Texas Instruments CSD87381PT Datasheet HTML 10Page - Texas Instruments CSD87381PT Datasheet HTML 11Page - Texas Instruments CSD87381PT Datasheet HTML 12Page - Texas Instruments CSD87381PT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1
10
100
0.01
0.1
1
t(AV) - Time in Avalanche (ms)
TC = 25°C
TC = 125°C
G001
1
10
100
0.01
0.1
1
t(AV) - Time in Avalanche (ms)
TC = 25°C
TC = 125°C
G001
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = 8A
VGS = 8V
G001
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = 8A
VGS = 8V
G001
CSD87381P
www.ti.com
SLPS405F – MARCH 2013 – REVISED MARCH 2015
Typical Power Block MOSFET Characteristics (continued)
TA = 25°C, unless stated otherwise.
Figure 21. Control MOSFET Normalized RDS(on)
Figure 22. Sync MOSFET Normalized RDS(on)
Figure 23. Control MOSFET Body Diode
Figure 24. Sync MOSFET Body Diode
Figure 25. Control MOSFET Unclamped Inductive Switching
Figure 26. Sync MOSFET Unclamped Inductive Switching
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com