Electronic Components Datasheet Search
  English  ▼

X  

DAC1280IPW Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC1280IPW
Description  Low Distortion Digital-to-Analog Converter for Seismic Monitoring
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC1280IPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC1280IPW Datasheet HTML 5Page - Texas Instruments DAC1280IPW Datasheet HTML 6Page - Texas Instruments DAC1280IPW Datasheet HTML 7Page - Texas Instruments DAC1280IPW Datasheet HTML 8Page - Texas Instruments DAC1280IPW Datasheet HTML 9Page - Texas Instruments DAC1280IPW Datasheet HTML 10Page - Texas Instruments DAC1280IPW Datasheet HTML 11Page - Texas Instruments DAC1280IPW Datasheet HTML 12Page - Texas Instruments DAC1280IPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
-
-
-
-
-
-
-
100
105
110
115
120
125
130
135
-
-55
-35
-15
5
25
45
65
85
105
125
Temperature ( C)
°
G = 1/1
G = 1/2
G = 1/4
G = 1/8
G = 1/16
G = 1/32
G = 1/64
125
120
115
110
105
100
95
-55
-35
-15
5
25
45
65
85
105
125
Temperature ( C)
°
G = 1/1
G = 1/2
G = 1/4
G = 1/8
G = 1/16
G = 1/32
G = 1/64
-100
105
110
115
120
125
130
-
-
-
-
-
-
0.1
1
10
100
1k
Output Frequency (Hz)
G = 1/1
G = 1/2
G = 1/4
G = 1/8
G = 1/16
G = 1/32
G = 1/64
125
120
115
110
105
100
0.1
1
10
100
1k
Output Frequency (Hz)
G = 1/32
G = 1/16
G = 1/8
G = 1/4
G = 1/2
G = 1/1
-
-
-
-
-
-
20
40
60
80
100
120
140
-
-100 -90 -80 -70 -60 -50 -40 -30 -20 -10
0
Output Amplitude (dB)
G = 1/1
G = 1/2
G = 1/4
G = 1/8
G = 1/16
G = 1/32
G = 1/64
125
100
75
50
25
0
-100
-80
-60
-40
-20
0
Output Amplitude (dB)
G = 1/1
G = 1/2
G = 1/4
G = 1/8
G = 1/16
G = 1/32
G = 1/64
DAC1280
www.ti.com
SBAS432A – APRIL 2010 – REVISED SEPTEMBER 2010
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5V, AVSS = +2.5V, DVDD = +3.3V, CLK = 4.096MHz, VREF = +5V, and RREF = 30kΩ, unless
otherwise noted. Data acquired using circuit configuration shown in Figure 35. THD and SNR measured by ADS1282 (1ms
sampling and complement gain setting).
THD vs TEMPERATURE
SNR vs TEMPERATURE
Figure 14.
Figure 15.
THD vs OUTPUT FREQUENCY
SNR vs OUTPUT FREQUENCY
Figure 16.
Figure 17.
THD vs OUTPUT AMPLITUDE(1)
SNR vs OUTPUT AMPLITUDE
(1) THD measurement noise limited for amplitudes less than –10dB.
Figure 18.
Figure 19.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC1280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com