Electronic Components Datasheet Search
  English  ▼

X  

DAC7631 Datasheet(PDF) 15 Page - Texas Instruments

Part # DAC7631
Description  Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7631 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC7631 Datasheet HTML 11Page - Texas Instruments DAC7631 Datasheet HTML 12Page - Texas Instruments DAC7631 Datasheet HTML 13Page - Texas Instruments DAC7631 Datasheet HTML 14Page - Texas Instruments DAC7631 Datasheet HTML 15Page - Texas Instruments DAC7631 Datasheet HTML 16Page - Texas Instruments DAC7631 Datasheet HTML 17Page - Texas Instruments DAC7631 Datasheet HTML 18Page - Texas Instruments DAC7631 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
®
DAC7631
FIGURE 10. Single-supply Buffered VREFH.
FIGURE 11. Linearity and Differential Error Curves for
Figure 10.
FIGURE 13. Linearity and Differential Error Curves for
Figure 12.
FIGURE 12. Low cost Single-supply Configuration.
Data is shifted into the device through the SDI and CLK pins
and arrives in a shift register. Once all 16 bits have been
transferred, the LOAD pin, which is level-sensitive, should
be brought low to latch the data into a buffer register called
the DAC input register. To latch the new data into the DAC
itself, the LDAC pin, which is edge-sensitive, must be
brought high. When this is done, the DAC will assume the
new value and the output voltage will change (provided that
the new value is different from the old one). Note that
settling time is measured from the time that the LDAC pin
is brought high, since the device’s output does not begin to
change until then.
The DAC7631’s double-buffering scheme allows the device
to be updated through the serial interface without disturbing
the voltage on the output pin. It also allows the user to use
separate logic for driving the serial input and triggering
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC A, +25
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
Reset DAC Registers
Chip Select
Load
DGND
V
CC
SDI
CLK
CS
V
CC
AGND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DAC7631
V
REFH Sense
V
REFH
V
REFL Sense
V
REFL
SDO
V
SS
V
OUT Sense
V
OUT
NC
RSTSEL
RST
LOAD
Serial Data In
Clock
Load DAC Registers
LDAC
Serial Data Out
+
0.1
µF1µF
+5V
+2.5V
+V
V
OUT
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC A, +25
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
+2.5V
+V
+V
OPA2350
2200pF
100
Ω
1000pF
1
2
3
4
V
REFH
V
REFH Sense
V
REFL
V
REFL Sense
DAC7631



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com