Electronic Components Datasheet Search
  English  ▼

X  

DAC8541 Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC8541
Description  16-BIT, SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8541 Datasheet(HTML) 5 Page - Texas Instruments

  DAC8541 Datasheet HTML 1Page - Texas Instruments DAC8541 Datasheet HTML 2Page - Texas Instruments DAC8541 Datasheet HTML 3Page - Texas Instruments DAC8541 Datasheet HTML 4Page - Texas Instruments DAC8541 Datasheet HTML 5Page - Texas Instruments DAC8541 Datasheet HTML 6Page - Texas Instruments DAC8541 Datasheet HTML 7Page - Texas Instruments DAC8541 Datasheet HTML 8Page - Texas Instruments DAC8541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DAC8541
SLAS353 − DECEMBER 2001
5
www.ti.com
timing characteristics, DVDD = 1.8 V to 5.5 V; AVDD = 2.7 V to 5.5 V; RL = 2 kΩ to AGND;
CL = 200 pF to AGND; all specifications –40°C to 85°C (unless otherwise noted)
MIN
TYP
MAX
UNIT
tw1
Pulse width: CS low for valid write
20
ns
tsu1
Setup time: R/W low before CS falling (see Note 4)
0
ns
tsu2
Setup time: data in valid before CS falling
0
ns
th1
Hold time: R/W low after CS rising (see Note 4)
10
ns
th2
Hold time: data in valid after CS rising
15
ns
tw2
Pulse width: CS low for valid read
40
ns
tsu3
Setup time: R/W high before CS falling
30
ns
td1
Delay time: data out valid after CS falling
60
80
ns
th3
Hold time: R/W high after CS rising
10
ns
th4
Hold time: data out valid after CS rising
5
20
ns
tsu4
Setup time: LDAC rising after CS falling (see Note 4)
10
ns
td2
Delay time: CS low after LDAC rising
50
ns
tw3
Pulse width: LDAC low
40
ns
tw4
Pulse width: LDAC high
40
ns
tw5
Pulse width: CS high (see Note 4)
80
ns
tsu5
Setup time: RSTSEL valid before RST rising
0
ns
th5
Hold time: RSTSEL valid after RST rising
20
ns
tw6
Pulse width: RST low
40
ns
tw7
Pulse width: RST high
40
ns
tS
VOUT Settling time (settling time for a full scale code change)
10
µs
NOTE 4: Simplified operation: CS and W/R can be tied low if the DAC8541 is the only device on the bus and Read operation is not needed. In
this case, LDAC is still required to update the output of the DAC and tsu(4) is from Data In Valid to LDAC Rising.
tw1
tw5
tw2
tsu1
th1
tsu3
th3
th4
tsu2
th2
td1
tsu4
td2
tw4
tw3
ts
±0.003% of FSR Error Bands
Data Out Valid
Data In Valid
CS
R/W
Data I/O
DB0−DB15
LDAC
VOUT
Figure 1. Data Read/Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com