Electronic Components Datasheet Search
  English  ▼

X  

DAC8802IPWR Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC8802IPWR
Description  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8802IPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8802IPWR Datasheet HTML 6Page - Texas Instruments DAC8802IPWR Datasheet HTML 7Page - Texas Instruments DAC8802IPWR Datasheet HTML 8Page - Texas Instruments DAC8802IPWR Datasheet HTML 9Page - Texas Instruments DAC8802IPWR Datasheet HTML 10Page - Texas Instruments DAC8802IPWR Datasheet HTML 11Page - Texas Instruments DAC8802IPWR Datasheet HTML 12Page - Texas Instruments DAC8802IPWR Datasheet HTML 13Page - Texas Instruments DAC8802IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
Channel B
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
2048
4096
6144
8192 10240 12288 14336 16383
Code
T
A =+25°C
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
2048
4096
6144
8192 10240 12288 14336 16383
Code
T
A =+25°C
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
2048
4096
6144
8192 10240 12288 14336 16383
Code
T
A =
40
-
°C
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
2048
4096
6144
8192 10240 12288 14336 16383
Code
T
A =
40
-
°C
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
2048
4096
6144
8192 10240 12288 14336 16383
Code
T
A =+85°C
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
2048
4096
6144
8192 10240 12288 14336 16383
Code
T
A =+85°C
DAC8802
SBAS351B – AUGUST 2005 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS: V
DD = 2.7 V (continued)
At T
A = 25°C, +VDD = 2.7 V, unless otherwise noted.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 24.
Figure 25.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 26.
Figure 27.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 28.
Figure 29.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com