Electronic Components Datasheet Search
  English  ▼

X  

ACTB3C3 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ACTB3C3
Description  Automotive Relays TB RELAYS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTB3C3 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ACTB3C3 Datasheet HTML 1Page - Panasonic Semiconductor ACTB3C3 Datasheet HTML 2Page - Panasonic Semiconductor ACTB3C3 Datasheet HTML 3Page - Panasonic Semiconductor ACTB3C3 Datasheet HTML 4Page - Panasonic Semiconductor ACTB3C3 Datasheet HTML 5Page - Panasonic Semiconductor ACTB3C3 Datasheet HTML 6Page - Panasonic Semiconductor ACTB3C3 Datasheet HTML 7Page - Panasonic Semiconductor ACTB3C3 Datasheet HTML 8Page - Panasonic Semiconductor ACTB3C3 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Automotive Relays TB RELAYS
TYPES
Contact
arrangement
Contact type
Coil
resistance
Part No.
Packing
Heat resistance
Carton
(1-tube)
Case
Standard type
High heat-resistant
type
Pin in Paste
compliant type
1 Form A
Standard type
100 Ω
ACTB11
ACTB1H1
ACTB1R1
50 pcs.
2,000 pcs.
160 Ω
ACTB12
ACTB1H2
ACTB1R2
225 Ω
ACTB13
ACTB1H3
ACTB1R3
Standard type
(Ag alloy / Cu clad)
100 Ω
ACTB1C1
ACTB1CH1
ACTB1CR1
160 Ω
ACTB1C2
ACTB1CH2
ACTB1CR2
225 Ω
ACTB1C3
ACTB1CH3
ACTB1CR3
Lamp control type
100 Ω
ACTB1L1
ACTB1LH1
ACTB1LR1
160 Ω
ACTB1L2
ACTB1LH2
ACTB1LR2
225 Ω
ACTB1L3
ACTB1LH3
ACTB1LR3
1 Form C
Standard type
100 Ω
ACTB21
ACTB2H1
ACTB2R1
50 pcs.
2,000 pcs.
160 Ω
ACTB22
ACTB2H2
ACTB2R2
225 Ω
ACTB23
ACTB2H3
ACTB2R3
Standard type
(Ag alloy / Cu clad)
100 Ω
ACTB2C1
ACTB2CH1
ACTB2CR1
160 Ω
ACTB2C2
ACTB2CH2
ACTB2CR2*1
225 Ω
ACTB2C3
ACTB2CH3
ACTB2CR3
Lamp control type
100 Ω
ACTB2L1
ACTB2LH1
ACTB2LR1
160 Ω
ACTB2L2
ACTB2LH2
ACTB2LR2
225 Ω
ACTB2L3
ACTB2LH3
ACTB2LR3
1 Form C x 2
(8 pins)
Standard type
100 Ω
ACTB31
ACTB3H1
ACTB3R1
25 pcs.
1,000 pcs.
160 Ω
ACTB32
ACTB3H2
ACTB3R2
225 Ω
ACTB33
ACTB3H3
ACTB3R3
Standard type
(Ag alloy / Cu clad)
100 Ω
ACTB3C1
ACTB3CH1
ACTB3CR1
160 Ω
ACTB3C2*2
ACTB3CH2
ACTB3CR2
225 Ω
ACTB3C3
ACTB3CH3
ACTB3CR3
1 Form C x 2
(10 pins)
Standard type
100 Ω
ACTB51
ACTB5H1
ACTB5R1
160 Ω
ACTB52
ACTB5H2
ACTB5R2
225 Ω
ACTB53
ACTB5H3
ACTB5R3
Standard type
(Ag alloy / Cu clad)
100 Ω
ACTB5C1
ACTB5CH1
ACTB5CR1
160 Ω
ACTB5C2
ACTB5CH2
ACTB5CR2
225 Ω
ACTB5C3
ACTB5CH3
ACTB5CR3
Lamp control type
100 Ω
ACTB5L1
ACTB5LH1
ACTB5LR1
160 Ω
ACTB5L2
ACTB5LH2
ACTB5LR2
225 Ω
ACTB5L3
ACTB5LH3
ACTB5LR3
*1: Please order "ACTB2CR2A60" (standard stock part number).
*2: Please order "ACTB3C2A52" (standard stock part number).
Coil data
Rated coil
voltage
Operate (Set)
voltage
(at 20°C)(Initial)
Release (Reset)
voltage
(at 20°C)(Initial)
Rated operating
current
[±10%] (at 20°C)
Coil resistance
[±10%] (at 20°C)
Rated operating
power
(at 20°C)
Usable voltage range
12 V DC
Max. 5.5 V DC
Min. 0.5 V DC
120 mA
100 Ω
1,440 mW
10 to 16 V DC
Max. 6.5 V DC
Min. 0.8 V DC
75 mA
160 Ω
900 mW
Max. 7.7 V DC
53.3 mA
225 Ω
640 mW
Note: Other operate (set) voltage types are also available. Please inquire our sales representative for details.
RATING
ASCTB95E 202204
Panasonic Industry Co., Ltd. 2022
ー 2 ー
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com