Electronic Components Datasheet Search
  English  ▼

X  

ACTE2C2 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ACTE2C2
Description  Miniature PC Board, Twin Type, 1 Form C Automotive Relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTE2C2 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ACTE2C2 Datasheet HTML 1Page - Panasonic Semiconductor ACTE2C2 Datasheet HTML 2Page - Panasonic Semiconductor ACTE2C2 Datasheet HTML 3Page - Panasonic Semiconductor ACTE2C2 Datasheet HTML 4Page - Panasonic Semiconductor ACTE2C2 Datasheet HTML 5Page - Panasonic Semiconductor ACTE2C2 Datasheet HTML 6Page - Panasonic Semiconductor ACTE2C2 Datasheet HTML 7Page - Panasonic Semiconductor ACTE2C2 Datasheet HTML 8Page - Panasonic Semiconductor ACTE2C2 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Automotive Relays TE RELAYS
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB97E 202103
Panasonic Corporation 2021
TYPES
Contact
arrangement
Contact type
Rated coil voltage
Coil
resistance
Part No.
Packing
Heat resistance
Carton
(1-tube)
Case
High heat-resistant
type
Pin in Paste
compliant type
1 Form C
Standard type
12 V DC
110 Ω
ACTE2H1
ACTE2R1
50 pcs.
2,000 pcs.
160 Ω
ACTE2H2
ACTE2R2
220 Ω
ACTE2H3
ACTE2R3
Standard type
(Ag alloy / Cu clad)
110 Ω
ACTE2CH1
ACTE2CR1
160 Ω
ACTE2CH2
ACTE2CR2
220 Ω
ACTE2CH3
ACTE2CR3
1 Form C x 2
(8 pins)
Standard type
110 Ω
ACTE3H1
ACTE3R1
40 pcs.
160 Ω
ACTE3H2
ACTE3R2
220 Ω
ACTE3H3
ACTE3R3
Standard type
(Ag alloy / Cu clad)
110 Ω
ACTE3CH1
ACTE3CR1
160 Ω
ACTE3CH2*
ACTE3CR2
220 Ω
ACTE3CH3
ACTE3CR3
1 Form C x 2
(10 pins)
Standard type
110 Ω
ACTE5H1
ACTE5R1
160 Ω
ACTE5H2
ACTE5R2
220 Ω
ACTE5H3
ACTE5R3
Standard type
(Ag alloy / Cu clad)
110 Ω
ACTE5CH1
ACTE5CR1
160 Ω
ACTE5CH2
ACTE5CR2
220 Ω
ACTE5CH3
ACTE5CR3
* Please order "ACTE3CH2A05V" (standard stock part number).
The letter of suffix "V" is not marked on the device (relay). It is only marked on the inner and outer carton.
Coil data
Rated coil
voltage
Operate (Set)
voltage
(at 20°C)(Initial)
Release (Reset)
voltage
(at 20°C)(Initial)
Rated operating
current
[±10%] (at 20°C)
Coil resistance
[±10%] (at 20°C)
Rated operating
power
(at 20°C)
Usable voltage range
12 V DC
Max. 5.5 V DC
Min. 0.6 V DC
109 mA
110 Ω
1,309 mW
10 to 16 V DC
Max. 6.5 V DC
Min. 0.8 V DC
75 mA
160 Ω
900 mW
Max. 7.7 V DC
54.5 mA
220 Ω
655 mW
RATING
ー 2 ー



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com