Electronic Components Datasheet Search
  English  ▼

X  

KFXXB Datasheet(PDF) 1 Page - STMicroelectronics

Part # KFXXB
Description  Very low drop voltage regulators with inhibit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KFXXB Datasheet(HTML) 1 Page - STMicroelectronics

  KFXXB Datasheet HTML 1Page - STMicroelectronics KFXXB Datasheet HTML 2Page - STMicroelectronics KFXXB Datasheet HTML 3Page - STMicroelectronics KFXXB Datasheet HTML 4Page - STMicroelectronics KFXXB Datasheet HTML 5Page - STMicroelectronics KFXXB Datasheet HTML 6Page - STMicroelectronics KFXXB Datasheet HTML 7Page - STMicroelectronics KFXXB Datasheet HTML 8Page - STMicroelectronics KFXXB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
December 2007
Rev 10
1/22
22
KFxxB
Very low drop voltage regulators with inhibit
Features
■ Very low dropout voltage (0.4 V)
■ Very low quiescent current (typ. 50 µA in OFF
Mode, 500 µA in ON Mode)
■ Output current up to 500 mA
■ Logic-controlled electronic shutdown
■ Output voltages of 1.5; 2.5; 3; 3.3; 4; 5; 5.2; 6; 8
■ Internal current and thermal limit
■ Only 2.2 µF for stability
■ Available in ± 2 % accuracy at 25 °C
■ Supply voltage rejection: 70 db (typ.)
■ Temperature range: -40 to 125 °C
Description
The KFxx series are very low drop regulators
available in SO-8 package and in a wide range of
output voltages.
The very low drop voltage (0.4 V) and the very low
quiescent current make them particularly
suitable for low noise, low power applications and
specially in battery powered systems.
A shutdown logic control function is available (pin
5, TTL compatible). This means that when the
device is used as a local regulator, it is possible to
put a part of the board in standby, decreasing the
total power consumption. It requires only a 2.2 µF
capacitor for stability allowing space and cost
saving.
DPAK
SO-8
Table 1.
Device summary
Part numbers
KF15B
KF40B
KF25B
KF50B
KF30B
KF52B
KF33B
KF80B
www.st.com


Similar Part No. - KFXXB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KFXXB STMICROELECTRONICS-KFXXB Datasheet
729Kb / 20P
Very low drop voltage regulators with inhibit
21-Feb-2008
logo
MMD Components
KFXXBC1 MMD-KFXXBC1 Datasheet
99Kb / 1P
Plastic SMD Package
KFXXBC3 MMD-KFXXBC3 Datasheet
99Kb / 1P
Plastic SMD Package
KFXXBD1 MMD-KFXXBD1 Datasheet
99Kb / 1P
Plastic SMD Package
KFXXBD3 MMD-KFXXBD3 Datasheet
99Kb / 1P
Plastic SMD Package
More results

Similar Description - KFXXB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LK115D00 STMICROELECTRONICS-LK115D00 Datasheet
81Kb / 10P
VERY LOW DROP WITH INHIBIT VOLTAGE REGULATORS
Sep-1998
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com