Electronic Components Datasheet Search
  English  ▼

X  

M25PE16 Datasheet(PDF) 51 Page - STMicroelectronics

Part # M25PE16
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE16 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M25PE16 Datasheet HTML 47Page - STMicroelectronics M25PE16 Datasheet HTML 48Page - STMicroelectronics M25PE16 Datasheet HTML 49Page - STMicroelectronics M25PE16 Datasheet HTML 50Page - STMicroelectronics M25PE16 Datasheet HTML 51Page - STMicroelectronics M25PE16 Datasheet HTML 52Page - STMicroelectronics M25PE16 Datasheet HTML 53Page - STMicroelectronics M25PE16 Datasheet HTML 54Page - STMicroelectronics M25PE16 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
M25PE16
DC and AC parameters
51/56
Figure 28.
Reset AC waveforms while a program or erase cycle is in progress
Table 19.
Reset conditions
Test conditions specified in
Table 14 and Table 15
Symbol
Alt.
Parameter
Conditions
Min.
Typ.
Max.
Unit
tRLRH
(1)
1.
Value guaranteed by characterization, not 100% tested in production.
tRST Reset Pulse Width
10
µs
tSHRH
Chip Select High to
Reset High
Chip should have been
deselected before Reset is
de-asserted
10
ns
Table 20.
Timings after a RESET Low pulse(1)(2)
1.
All the values are guaranteed by characterization, and not 100% tested in production.
2.
See Table 12 for a description of the device status after a RESET Low pulse.
Test conditions specified in
Table 14 and Table 15
Symbol
Alt.
Parameter
Conditions:
Reset pulse occurred
Min.
Typ.
Max.
Unit
tRHSL
tREC
Reset
Recovery
Time
While decoding an
instruction(3): WREN, WRDI,
RDID, RDSR, READ, RDLR,
Fast_Read, WRLR, PW, PP,
PE, SE, BE, SSE, DP, RDP
3.
S remains Low while RESET is Low.
30
µs
Under completion of an Erase
or Program cycle of a PW, PP,
PE, SE, BE operation
300
µs
Under completion of an Erase
cycle of an SSE operation
3ms
Under completion of a WRSR
operation
tW (see
Table 18)
ms
Device deselected (S High)
and in Standby mode
0µs
AI06808b
RESET
tRLRH
S
tRHSL
tSHRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com