Electronic Components Datasheet Search
  English  ▼

X  

0802685 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0802685
Description  EMLP (17,5X15)R SR - Label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802685 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0802685 Datasheet HTML 1Page - PHOENIX CONTACT 0802685 Datasheet HTML 2Page - PHOENIX CONTACT 0802685 Datasheet HTML 3Page - PHOENIX CONTACT 0802685 Datasheet HTML 4Page - PHOENIX CONTACT 0802685 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Salt spray test
Specification
DIN EN 60068-2-11:2000-02
Result
Test passed
Ambient conditions
Ambient temperature (operation)
-40 °C ... 120 °C
Ambient temperature (assembly)
> 18 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in
the original packaging is recommended.
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Shelf life
12 months
Dimensions
Width
17.5 mm
Height
15 mm
Depth
0.55 mm
Text field
Text field width
17.5 mm
Text field height
15 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
EMLP (17,5X15)R SR - Label
0802685
https://www.phoenixcontact.com/us/products/0802685
Jun 23, 2025, 4:19AM
Page 3 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com