Electronic Components Datasheet Search
  English  ▼

X  

0803228 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803228
Description  UC-EMLP (60X30)-EX - Plastic label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803228 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803228 Datasheet HTML 1Page - PHOENIX CONTACT 0803228 Datasheet HTML 2Page - PHOENIX CONTACT 0803228 Datasheet HTML 3Page - PHOENIX CONTACT 0803228 Datasheet HTML 4Page - PHOENIX CONTACT 0803228 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Plastic label, Sheet, white, unlabeled, can be labeled with: BLUEMARK E.CARD, 
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER,
mounting type: adhesive, Number of individual labels: 3, text field height: 30 mm, text field width:
60 mm
Your advantages
The markers, which are supplied in uniform sheets, can be printed onto quickly and easily using the BLUEMARK printing system
•
The UC-EMLP ...-EX self-adhesive device markers have been specifically developed for marking various types of equipment in the Ex area
•
The format automatically ensures printing with a high degree of positioning accuracy
•
The wide temperature range means that the labels can be used in control cabinets as well as the field
•
The sheets provide space for including function texts
•
The marking requirements in terms of legibility, adhesion, and wipe resistance in potentially explosive areas (ATEX), according to IEC/EN 60079-
0, can also be ensured following storage in typical gas atmospheres. Phoenix Contact developed these labels especially for process engineering,
which is where these requirements typically arise
•
These labels meet the requirements for wipe resistance in accordance with DIN EN 61010-1 against aggressive media such as acetone, ethanol,
and MEK
•
Thanks to the special surface and adhesive, the marker meets the demanding requirements of process engineering
•
Commercial data
Item number
0803228
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
NULL
Product key
BG2617
GTIN
4046356938419
Weight per piece (including packing)
12.61 g
Weight per piece (excluding packing)
9.99 g
Customs tariff number
39269097
Country of origin
PL
UC-EMLP (60X30)-EX - Plastic label
0803228
https://www.phoenixcontact.com/us/products/0803228
Jun 23, 2025, 4:18AM
Page 1 (5)


Similar Part No. - 0803228

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803224 PHOENIX-0803224 Datasheet
185Kb / 5P
UC-EMLP (22X22)-EX - Plastic label
0803225 PHOENIX-0803225 Datasheet
186Kb / 5P
UC-EMLP (27X18)-EX - Plastic label
0803226 PHOENIX-0803226 Datasheet
185Kb / 5P
UC-EMLP (27X27)-EX - Plastic label
0803227 PHOENIX-0803227 Datasheet
185Kb / 5P
UC-EMLP (49X15)-EX - Plastic label
0803229 PHOENIX-0803229 Datasheet
183Kb / 5P
UC-EMLP (22X22)-EX CUS - Plastic label
More results

Similar Description - 0803228

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801729 PHOENIX-0801729 Datasheet
47Kb / 3P
Plastic label - EMLP (60X30)R SR
0819291 PHOENIX-0819291 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (11X9)
0819301 PHOENIX-0819301 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (15X5)
0819330 PHOENIX-0819330 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (60X15)
0819343 PHOENIX-0819343 Datasheet
49Kb / 2P
Plastic label - UC-EMLP (60X30)
0824562 PHOENIX-0824562 Datasheet
55Kb / 2P
Plastic label - UC-EMLP (60X30) CUS
0825475 PHOENIX-0825475 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (27X18)
0825481 PHOENIX-0825481 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (27X27)
0819505 PHOENIX-0819505 Datasheet
58Kb / 3P
Plastic label - EMLP (60X30)R
09/11/2020
0822657 PHOENIX-0822657 Datasheet
59Kb / 4P
Plastic label - UC-EMLP (60X30) YE
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com