Electronic Components Datasheet Search
  English  ▼

X  

0804284 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804284
Description  US-EMLP (85,6X54) BU - Plastic label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804284 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804284 Datasheet HTML 1Page - PHOENIX CONTACT 0804284 Datasheet HTML 2Page - PHOENIX CONTACT 0804284 Datasheet HTML 3Page - PHOENIX CONTACT 0804284 Datasheet HTML 4Page - PHOENIX CONTACT 0804284 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Plastic label, Card, blue, unlabeled, can be labeled with: BLUEMARK ID COLOR,
BLUEMARK ID, THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK CARD,
THERMOMARK PRIME 2.0, mounting type: adhesive, Number of individual labels: 2, text field
height: 54 mm, text field width: 85.6 mm
Your advantages
PVC material flammability rating V0 in accordance with UL 94
•
The markers, which are supplied as uniform cards, can be labeled quickly, easily, and cost-effectively using the THERMOMARK CARD
•
The perforated markers and labels are easy to separate and can be easily fitted
•
The sheets provide space for including function texts
•
The US-EMLP ... UniSheet labeling range includes self-adhesive device markers with good adhesive properties
•
Commercial data
Item number
0804284
Packing unit
10 pc
Minimum order quantity
10 pc
Product key
BG2419
GTIN
4055626283708
Weight per piece (including packing)
18.52 g
Weight per piece (excluding packing)
17.02 g
Country of origin
DE
US-EMLP (85,6X54) BU - Plastic label
0804284
https://www.phoenixcontact.com/us/products/0804284
Jun 23, 2025, 6:44AM
Page 1 (5)


Similar Part No. - 0804284

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804280 PHOENIX-0804280 Datasheet
158Kb / 6P
ICC 2,5/ 2-STZ-5,08
0804280 PHOENIX-0804280 Datasheet
138Kb / 5P
TFKC 2,5/ 5-STF-5,08 AU
0804280 PHOENIX-0804280 Datasheet
152Kb / 6P
ICC 2,5/ 4-STZFD-5,08
0804280 PHOENIX-0804280 Datasheet
143Kb / 5P
MCV 1,5/ 7-G-5,08
0804280 PHOENIX-0804280 Datasheet
145Kb / 5P
MCV 1,5/12-GF-5,08
More results

Similar Description - 0804284

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803277 PHOENIX-0803277 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R BU
0803878 PHOENIX-0803878 Datasheet
57Kb / 2P
Plastic label - US-EMLP-HA 30 (45X10)
0830300 PHOENIX-0830300 Datasheet
57Kb / 3P
Plastic label - US-EMLP (35X15)
0830303 PHOENIX-0830303 Datasheet
57Kb / 3P
Plastic label - US-EMLP (8,8X15)
0830839 PHOENIX-0830839 Datasheet
58Kb / 3P
Plastic label - US-EMLP (17,5X15)
0830841 PHOENIX-0830841 Datasheet
54Kb / 2P
Plastic label - US-EMLP (85,6X54) RD
0830992 PHOENIX-0830992 Datasheet
58Kb / 3P
Plastic label - US-EMLP-HA (85,6X54)
0830993 PHOENIX-0830993 Datasheet
58Kb / 3P
Plastic label - US-EMLP-HA (85,6X54) SR
1014293 PHOENIX-1014293 Datasheet
50Kb / 4P
Plastic label - US-EMLF (104X140) BU
1014296 PHOENIX-1014296 Datasheet
50Kb / 4P
Plastic label - US-EMLF (104X70) BU
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com