Electronic Components Datasheet Search
  English  ▼

X  

TS1583 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS1583
Description  1.5A Dual Input LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1583 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS1583 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TS1583
1.5A Dual Input LDO
5/9
Version: A07
Application Information (Continue)
Stability
The circuit design used in the TS1583 Series requires the use of an output capacitor as part of the device frequency
compensation. The addition of 150uF aluminum electrolytic or a 22uF solid tantalum on the output will ensure stability
for all operating conditions. In order to meet the transient performance of the processor larger value capacitors are
needed. To limit the high frequency noise generated by the processor high quality bypass capacitors must be used. In
order to limit parasitic inductance (ESL) and resistance (ESR) in capacitors to acceptable limits, multiple small ceramic
capacitors in addition to high quality solid tantalum capacitors are required.
When the adjustment terminal is bypass to improve the ripple rejection, the requirement for an output capacitor
increases. The Adjust pin is brought out on the fixed voltage device specifically to allow this capability. To further
improve stability and transient response of these devices larger values of output capacitor can be used. The modern
processors generate large high frequency current transients. The load current step contains higher order frequency
components than the output coupling network must handle until the regulator throttles to the load current level.
Because they contain parasitic resistance and inductance, capacitors are not ideal elements. These parasitic elements
dominate the change in output voltage as the beginning of a transient load step change. The ESR of the output
capacitors produces and instantaneous step in output voltage
ΔV = ΔI (ESR). The ESL of the output capacitors produces a drop proportional to the rate of change of the output
current V = L (ΔI / Δt). the output capacitance produces a change in output voltage proportional to the time until the
regulator can respond ΔV = Δt (ΔI / C).
Output Voltage
The TS1583 (adjustable version) develops a 1.25V reference voltage between the Sense Pin and the Adjust Pin
(Figure 5). Placing a resistor between these two terminals causes a constant current to flow though R1 and down
though R2 to set the output voltage. In general R1 is chosen so that this current is the specified minimum load current
of 10mA. The current out of the Adjust pin is small, typically 50uA and it adds to the current from R1.For best regulation
the top of the resistor divider should be connected directly to the Sense pin.
Figure 5. Setting Output Voltage
Figure 6. Optional Clamp Diodes Protect
Against Input Crowbar Circuits



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com