Electronic Components Datasheet Search
  English  ▼

X  

TS1900 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS1900
Description  Ultra Low Quiescent Current Smart Load Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1900 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1900 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1900 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1900 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1900 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1900 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS1900
Ultra Low Quiescent Current Smart Load Switch
1/5
Version: A07
SOT-25
General Description
TS1900 is a high side slew rate controlled smart load switch. The slew rate control in TS1900 can effectively avoid the
large in-rush current which is commonly observed in normal power switches. Moreover, the level shift in TS1900
allows customers to control 1.8 to 6.5V system with 1.5V logic and without sacrificing leakage current.
TS1900 has typical low RDS(on) at 100mΩ, it allows large power handling capabilities. And very low quiescent current
and fast load discharge make it ideal for power sensitive applications nowadays.
Ordering Information
Part No.
Package
Packing
TS1900CX5 RF
SOT-25
3Kpcs / 7” Reel
Features
●
1.8 to 6.5V Input Voltage Range
●
Slew Rate Limited at 100uS
●
Very Low RDS(ON), Typically 100mΩ
●
Less than 1uA Shutdown Current
●
Very Low Quiescent Current, Typically 2uA
●
Fast Shutdown Load Discharge
●
Thermal Fault Protection
●
TTL / CMOS Input Logic Level
●
2KV ESD Rating
●
EMI Free Circuit
Pin Description
Pin
Name
Function
1
Out
Drain of P-CH Power MOSFET
2
Gnd
Gnd Pin. Connect directly to local
ground plane.
3
EN
Enable Control Input
4,5
Vin
Source of P-CH Power MOSFET
Applications
●
Cellular and Smart Phone
●
Hot Swap Supplies
●
Microprocessors and DSP Core Supplies
●
PDAs
●
MP3 Players
●
Digital Still and Video Cameras
● Portable Instruments
Application Circuit
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN to Gnd
-0.3 to 6.5
V
Enable to Ground Voltage
VEN to Gnd
-0.3 to 6.5
V
Output to Ground Voltage
VO UT to Gnd
-0.3 to 6.5
V
Power Dissipation
PD
Internally Limited
Maximum Continues Current
ICONTINUE
2.2
A
Junction Temperature Range
TJ
+150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
ESD HBM / MM
2 / 200
KV / V
Pin Definition:
1. Output
2. Ground
3. Enable
4. Input
5. Input


Similar Part No. - TS1900

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TS190 CLARE-TS190 Datasheet
448Kb / 8P
Multifunction Telecom Switch
logo
IXYS Corporation
TS190 IXYS-TS190 Datasheet
140Kb / 8P
Multifunction Telecom Switch
logo
Taiwan Semiconductor Co...
TS1909 TSC-TS1909 Datasheet
311Kb / 6P
MicroPower VFM Boost DC to Dc Converter
TS1909CX527 TSC-TS1909CX527 Datasheet
311Kb / 6P
MicroPower VFM Boost DC to Dc Converter
TS1909CX530 TSC-TS1909CX530 Datasheet
311Kb / 6P
MicroPower VFM Boost DC to Dc Converter
More results

Similar Description - TS1900

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1900 YOBON-YB1900 Datasheet
436Kb / 8P
Ultra Low Quiescent Current Smart Load Switch
logo
Texas Instruments
TPS22951 TI-TPS22951 Datasheet
478Kb / 13P
CURRENT-LIMITED 1-廓 SMART-LOAD SWITCH
logo
YOBON TECHNOLOGIES,INC.
YB1900C YOBON-YB1900C Datasheet
352Kb / 9P
Ultra Low Quiescent Current Smart Load Switch
logo
Texas Instruments
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
logo
Exar Corporation
SP6648 EXAR-SP6648 Datasheet
261Kb / 16P
Ultra-low Quiescent Current
logo
Texas Instruments
TPS61098 TI1-TPS61098_16 Datasheet
3Mb / 44P
TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
logo
Dialog Semiconductor
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
Ultra-Low Quiescent Current PMIC
logo
Vishay Siliconix
SIP32431 VISHAY-SIP32431_V01 Datasheet
394Kb / 15P
10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
06-Jul-2020
SIP32432 VISHAY-SIP32432_V01 Datasheet
434Kb / 13P
10 pA, Ultra Low Leakage and Quiescent Current,
29-Oct-2018
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
Ultra-Low Quiescent Current PMIC
21-Feb-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com