Electronic Components Datasheet Search
  English  ▼

X  

2N1306 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N1306
Description  GERMANIUM NPN TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N1306 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N1306 Datasheet HTML 1Page - Central Semiconductor Corp 2N1306 Datasheet HTML 2Page - Central Semiconductor Corp 2N1306 Datasheet HTML 3Page - Central Semiconductor Corp 2N1306 Datasheet HTML 4Page - Central Semiconductor Corp 2N1306 Datasheet HTML 5Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2N1302
2N1304
2N1306
2N1308
GERMANIUM
NPN TRANSISTORS
TO-5 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter
2) Base
3) Collector
MARKING: FULL PART NUMBER
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
td
0.07
μs
tr
IC=10mA, IB1=1.3mA, IB2=0.7mA
0.20
μs
ts
VBE(OFF)=0.8V, RL=1.0kΩ
0.70
μs
tf
0.40
μs
fhfb
VCB=5.0V, IE=1.0mA (2N1302)
3.0
MHz
fhfb
VCB=5.0V, IE=1.0mA (2N1304)
5.0
MHz
fhfb
VCB=5.0V, IE=1.0mA (2N1306)
10
MHz
fhfb
VCB=5.0V, IE=1.0mA (2N1308)
15
MHz
www.centr a lsemi.com
R1 (5-May 2014)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com