Electronic Components Datasheet Search
  English  ▼

X  

TS2418 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2418
Description  Telephone Tone Ringer with Bridge Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2418 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2418 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2418 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2418 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2418 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2418 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2418 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS2418 Series
Telephone Tone Ringer with Bridge Diode
2/6
Version: A07
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Calling Voltage (f=50Hz) Continuous
VTP
120
Vrms
Calling Voltage (f=50Hz) 5 Sec ON/10 Sec OFF
VTP
200
Vrms
Supply Current
ICC
22
mA
Operating Temperature
TOP
0~+70
0C
Storage and Junction Temperature
Tstg
-65~+150
0C
Note: a. Maximum Rating are those values beyond which damage to the device may occur.
b. Functional operation should be restricted to the Recommended Operating Conditions.
Recommended Operating Conditions
Description
Symbol
Min
Max
Unit
Supply Voltage
VCC
--
26
V
Operating Temperature
TA
-20
+70
0C
Note: This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≦(VIN or VOUT)≦
VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC ). Unused output
must be left open.
Electrical Specifications (Ta = 25oC, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
--
--
26
V
Current Consumption without Load
ICC
Vs = 8.8 to 26V
--
1.5
1.8
mA
Activation Voltage
VON
12.2
--
13
V
Activation Voltage Range
VONR
RA=1KΩ
8.0
--
10
V
Sustaining Voltage
VSUS
8.0
--
8.8
V
Differential Resistance in Off Condition
RD
6.4
--
--
KΩ
Output Voltage Swing
VOUT
--
VCC-3
--
V
Short Circuit Current
IOUT
Vs=26V
--
35
--
mA
AC Operation
Output Frequency
fH1
fH2
fH1
fH2
VCC =26V,R1=14KΩ
VSCR =0V
VSCR =6V
--
--
2300
1700
--
--
Hz
Hz
fH1 Range
R1=27KΩ to 1.7 KΩ
0.1
--
15
KHz
Sweep Frequency
fL
R1=14KΩ,C1=100nF
--
10
--
Hz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com