Electronic Components Datasheet Search
  English  ▼

X  

TS2496 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2496
Description  3A / 150KHz Buck Dc-Dc Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2496 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2496 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2496 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2496 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2496 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2496 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2496 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2496 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2496 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS2496
3A / 150KHz Buck Dc-Dc Converter
2/8
Version: A07
Thermal Information
Parameter
Symbol
Maximum
Unit
TO-220-5L
2
Thermal Resistance* (Junction to Case)
TO-263-5L
ӨJC
2
oC/W
TO-220-5L
50
Thermal Resistance* (Junction to Ambient)
TO-263-5L
ӨJA
50
oC/W
Note: ӨJA is measured with the PCB copper area (need connect to GROUND pins) of approximately 1.5 in
2 (Multi-layer)
Electrical Specifications (All Output Voltage Version)
(Ta = 25
oC unless otherwise noted, VIN=12V for 3.3V, 5V, Adjustable version. ILOAD =0.3A)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Feedback
VFB
4.5V≤ VIN ≤24V
0.2A≤ ILOAD ≤3A
1.180
1.23
1.280
V
Efficiency
ADJ
η
VIN =12V, ILOAD =3A
--
75
--
%
Output Feedback
VFB
4.75V≤ VIN ≤24V
0.2A≤ ILOAD ≤3A
3.135
3.3V
3.465
V
Efficiency
3.3V
η
VIN =12V, ILOAD =2A
--
75
--
%
Output Feedback
VFB
7V≤ VIN ≤24V
0.2A≤ ILOAD ≤3A
4.75
5
5.25
V
Efficiency
5V
η
VIN =12V, ILOAD =3A
--
80
--
%
Feedback Bias Current
IFB
VFB =1.3V (Adj version only)
--
10
100
nA
Oscillator Frequency
FOSC
127
150
173
KHz
Soft-Start Time
TSS
Rising edge of EN on to ICL
--
3
--
mS
Current Limit
ICL
Pear Current, no outside circuit
VFB =0V force driver on
5.9
--
--
A
Oscillator Frequency of Short Circuit
Protect
FSCP
When current limit occurred and
VFB <0.5V, Ta = 25
oC
110
150
173
KHz
Saturation Voltage
VSAT
IOUT=3A, No outside circuit
VFB =0V force driver on
--
1.15
1.50
V
VIL
Low (regulator ON)
--
0.6
ON/OFF Pin Logic Input Threshold
Voltage
VIH
High (regulator OFF)
2.0
1.3
--
V
IL
VLOGIC =2.5V (OFF)
--
5
15
ON/OFF Pin Logic Input Current
IH
VLOGIC =0.5V (ON)
--
0.02
5
µA
Maximum Duty Cycle (ON)
VFB =0V force driver on
--
100
--
Maximum Duty Cycle (OFF)
DC
VFB =12V force driver off
--
0
--
%
Quiescent Current
IQ
VFB =12V force driver off
--
5
10
mA
ON/OFF pin=5V
--
200
Standby Quiescent Current
ISTBY
VIN =40V
--
80
250
µA
SW pin = 0
No outside circuit,
VFB =12V force driver off
--
0.3
2
mA
SW Pin Leakage
Current
SW pin = -1
ISWL
VIN =12V
--
7.5
30
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com