Electronic Components Datasheet Search
  English  ▼

X  

TS2576 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS2576
Description  3A / 52KHz Buck Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2576 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS2576 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS2576
3A / 52KHz Buck Switching Regulator
5/8
Version: A07
Pin Function Description
Vcc
This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor must be presented at
this pin to minimize voltage transients and to supply the switching currents needed by the regulator.
Ground
Circuit ground
SW Output
Internal switch. The voltage at this pin switches between (+Vcc – Vsat) and approximately – 0.5V, with a duty cycle of
approximately Vout / Vcc. To minimize coupling to sensitive circuitry, the PC board copper area connected to this pin
should be minimized.
Feedback
Sense the regulated output voltage to complete the feedback loop.
Enable
Allows the switching regulator circuit to be shutdown using logic level signals thus dropping the total input supply
current to approximately 100uA. Pulling this pin below a threshold voltage of approximately 1.3V turns the regulator on,
and pulling this pin above 1.3V (up to a maximum of Vcc) shuts the regulator down. If this shutdown feature is not
needed, the EN pin can be wired to the ground pin.
Thermal Considerations
The TS2576 is available in two packages, a TO-220-5L and TO-263-5L.
The TO-220-5L package needs a heat sink under most conditions. The size of the heat sink depends on the input
voltage, the output voltage, the load current and the ambient temperature. The TS2576 junction temperature rises
above ambient temperature for a 3A load and different input and output voltages. The data for these curves was taken
with the TS2576CZ5 (TO-220-5L package) operating as a buck switching regulator in an ambient temperature of 25
o
C
(still air). These temperature rise numbers are all approximate and there are many factors that can affect these
temperatures. Higher ambient temperatures require more heat sinking.
The TO-263-5L surface mount package tab is designed to be soldered to the copper on a printed circuit board. The
copper and the board are the heat sink for this package and the other heat producing components, such as the catch
diode and inductor. The PC board copper area that the package is soldered to should be at least 0.8 in
2
, and ideally
should have 2 or more square inches of 2oz. Additional copper area improves the thermal characteristics, but with
copper areas greater than approximately 6 in
2
, only small improvements in heat dissipation are realized. If further
thermal improvements are needed, double sided, multilayer PC board with large copper areas and/or airflow are
recommended.
The TS2576 (TO-263-5L package) junction temperature rise above ambient temperature with a 3A load for various
input and output voltages. This data was taken with the circuit operating as a buck switching regulator with all
components mounted on a PC board to simulate the junction temperature under actual operating conditions. This
curve can be used for a quick check for the approximate junction temperature for various conditions, but be aware that
there are many factors that can affect the junction temperature. When load currents higher than 3A are used, double
sided or multilayer PC boards with large copper areas and/or airflow might be needed, especially for high ambient
temperatures and high output voltages.
For the best thermal performance, wide copper traces and generous amounts of printed circuit board copper should be
used in the board layout. (Once exception to this is the output (switch) pin, which should not have large areas of
copper.) Large areas of copper provide the best transfer of heat (lower thermal resistance) to the surrounding air, and
moving air lowers the thermal resistance even further.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com