Electronic Components Datasheet Search
  English  ▼

X  

SH3-DSP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SH3-DSP
Description  32-bit RISC CPU IP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH3-DSP Datasheet(HTML) 1 Page - Renesas Technology Corp

  SH3-DSP Datasheet HTML 1Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.renesas.com
© 2025 Renesas Electronics Corporation. All rights reserved.
2025.02
SH3-DSP CPU
32-bit RISC CPU IP
Overview
The SH3-DSP CPU interprets and executes the SH3-DSP instruction that
extended the SH-3 instruction. For multiply instructions and DSP arithmetic
instructions, calculations are performed with a digital signal processor (DSP)
module.
Key Features
▪
Compatible with object code level with SH-
1, SH-2, and SH-3
▪
Built-in 32-bit internal data bus
▪
Supports abundant register groups
− General-purpose register: Sixteen
32-bit registers (including eight 32-
bit bank registers)
− Control register: Eight 32-bit
registers
− System register: Four 32-bit
registers
▪
The instruction execution time of the basic
instruction corresponds to one
instruction/cycle
▪
The logical address space corresponds to
4 GB
PMO-25-014
R06PF0077EJ0101
Block diagram
▪
Features of DSP
− Mixing 16-bit instructions and 32-bit
instructions
− Supports multiplier, ALU, barrel shifter
− Built-in 32-bit one-cycle multiplier
corresponding to 16 bits x 16 bits
− Supports large capacity DSP data register
file
− Supports extended Harvard architecture
for DSP data bus
▪
Peripheral circuit
− MMU, TLB, INTC, UBC, AUD, BSC,
DMAC


Similar Part No. - SH3-DSP

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SH3-250R0004DE OHMITE-SH3-250R0004DE Datasheet
205Kb / 1P
Precision Metal-Clad Shunts
SH3-250R0004DE OHMITE-SH3-250R0004DE Datasheet
343Kb / 2P
Precision metal clad resistors designed
SH3-250R0004DE OHMITE-SH3-250R0004DE Datasheet
205Kb / 1P
Precision Metal-Clad Shunts
SH3-300R0003DE OHMITE-SH3-300R0003DE Datasheet
205Kb / 1P
Precision Metal-Clad Shunts
SH3-300R0003DE OHMITE-SH3-300R0003DE Datasheet
343Kb / 2P
Precision metal clad resistors designed
More results

Similar Description - SH3-DSP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2930BR SONY-CXD2930BR Datasheet
249Kb / 25P
GPS LSI with Built-in 32-bit RISC CPU
logo
Hynix Semiconductor
HMS30C7202 HYNIX-HMS30C7202 Datasheet
1Mb / 136P
32-bit ARM7TDMI RISC static CMOS CPU core
logo
fujitsu semiconductor
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
32-bit RISC Microcontroller
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
16-Aug-2024
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
logo
Renesas Technology Corp
SH7059 RENESAS-SH7059 Datasheet
6Mb / 1042P
32-Bit RISC Microcomputer
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
32-bit RISC CPU
logo
Nanjing Qinheng Microel...
CH567 WCH-CH567 Datasheet
2Mb / 88P
32 bit RISC
CH568 WCH-CH568 Datasheet
2Mb / 93P
32 bit RISC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com