Electronic Components Datasheet Search
  English  ▼

X  

TS2596 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2596
Description  3A / 150KHz Buck Dc-Dc Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2596 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS2596
3A / 150KHz Buck Dc-Dc Converter
1/8
Version: A07
TO-220-5L
TO-263-5L
(D
2PAK)
General Description
The TS2596 Series are step-down switching regulators with all required active functions. It is capable of driving 3A
load with excellent line and load regulations. These devices are available in fixed output voltages of 3.3V, 5V, and an
adjustable output version.
The TS2596 series operates at a switching frequency of 150kHz thus allowing smaller sized filter components than
what would be needed with lower frequency switching regulators. It substantially not only reduces the area of board
size but also the size of heat sink, and in some cases no heat sink is required. The ±4% tolerance on output voltage
within specified input voltages and output load conditions is guaranteed. Also, the oscillator frequency accuracy is
within ±10%. External shutdown is included. Featuring 80µA (typical) standby current. The output switch includes
cycle-by-cycle current limiting, as well as thermal shutdown for full protection under fault conditions.
Ordering Information
Part No.
Package
Packing
TS2596CZ5xx C0
TO-220-5L
50pcs / Tube
TS2596CMxx RN
TO-263-5L
800pcs / 13” Reel
Note: Where xx denotes voltage option, available are
50= 5.0V
33= 3.3V
Leave blank for adjustable version
Features
●
Output Voltage: 3.3V, 5V & Adjustable version
●
Adjustable Output Voltage Range 1.23V~37V ±4%
●
150KHz fixed switching frequency
●
Voltage Mode Non-synchronous PWM control
●
Thermal Shutdown and Current Limit Protection
●
ON/OFF Shutdown Control Input
●
High Efficiency
●
Short Circuit Protect (SCP)
●
Operating Voltage Can be up to 40V
●
Output Load Current 3A
●
Low Power Standby Mode
●
P+ Product Enhancement Tested
Application
●
Simple High-efficiency Step down Regulator
●
On-Card Switching Regulators
●
Positive to Negative Converter
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Maximum Supply Voltage
VCC
+45
V
Recommend Operating Supply Voltage
VOP
4.5 to 40
V
SW, EN Pin Input Voltage
VSW, VEN
-0.3 to +25
V
Feedback Pin Voltage
VFB
-0.3 to +25
V
Power Dissipation
PD
Internally Limited
W
Output Voltage to Ground
VOUT
-1
V
Storage Temperature Range
TST
-65 to +150
oC
Operating Temperature Range
TOP
-40 to +125
oC
ESD Susceptibility (HBM)
2
kV
Pin Definition:
1. Input
2. SW Output
3. Ground
4. Feedback
5. Enable


Similar Part No. - TS2596

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596 Datasheet
131Kb / 6P
3A Step Down Switching Voltage Regulator
TS2596 TSC-TS2596 Datasheet
272Kb / 9P
3A / 150KHz Buck Dc-Dc Converter
TS2596CM5 TSC-TS2596CM5 Datasheet
131Kb / 6P
3A Step Down Switching Voltage Regulator
TS2596CM505 TSC-TS2596CM505 Datasheet
131Kb / 6P
3A Step Down Switching Voltage Regulator
TS2596CM53.3 TSC-TS2596CM53.3 Datasheet
131Kb / 6P
3A Step Down Switching Voltage Regulator
More results

Similar Description - TS2596

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
150kHz 3A BUCK DC-DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
Taiwan Semiconductor Co...
TS2496 TSC-TS2496 Datasheet
400Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_08 Datasheet
488Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596_12 Datasheet
523Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.3
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
3A / 150KHz Buck Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com