Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GS Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # S29GL01GS
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS Datasheet(HTML) 1 Page - Cypress Semiconductor

  S29GL01GS Datasheet HTML 1Page - Cypress Semiconductor S29GL01GS Datasheet HTML 2Page - Cypress Semiconductor S29GL01GS Datasheet HTML 3Page - Cypress Semiconductor S29GL01GS Datasheet HTML 4Page - Cypress Semiconductor S29GL01GS Datasheet HTML 5Page - Cypress Semiconductor S29GL01GS Datasheet HTML 6Page - Cypress Semiconductor S29GL01GS Datasheet HTML 7Page - Cypress Semiconductor S29GL01GS Datasheet HTML 8Page - Cypress Semiconductor S29GL01GS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-98285 Rev. *R
Revised June 21, 2018
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/
256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),
3.0 V, GL-S Flash Memory
General Description
The Cypress® S29GL01G/512/256/128S are MirrorBit® Eclipse flash products fabricated on 65 nm process technology. These
devices offer a fast page access time as fast as 15 ns with a corresponding random access time as fast as 90 ns. They feature a
Write Buffer that allows a maximum of 256 words/512 bytes to be programmed in one operation, resulting in faster effective
programming time than standard programming algorithms. This makes these devices ideal for today’s embedded applications that
require higher density, better performance and lower power consumption.
Distinctive Characteristics
CMOS 3.0 Volt Core with Versatile I/O
65 nm MirrorBit Eclipse Technology
Single supply (VCC) for read / program / erase (2.7 V to
3.6 V)
Versatile I/O Feature
– Wide I/O voltage range (VIO): 1.65 V to VCC
×16 data bus
Asynchronous 32-byte Page read
512-byte Programming Buffer
– Programming in Page multiples, up to a maximum of
512 bytes
Single word and multiple program on same word options
Automatic Error Checking and Correction (ECC) – internal
hardware ECC with single bit error correction
Sector Erase
– Uniform 128-kbyte sectors
Suspend and Resume commands for Program and Erase
operations
Status Register, Data Polling, and Ready/Busy pin methods
to determine device status
Advanced Sector Protection (ASP)
– Volatile and non-volatile protection methods for each
sector
Separate 1024-byte One Time Program (OTP) array with two
lockable regions
Common Flash Interface (CFI) parameter table
Temperature Range / Grade
– Industrial (-40 °C to +85 °C)
– Industrial Plus(-40 °C to +105 °C)
– Automotive, AEC-Q100 Grade 3 (-40 °C to +85 °C)
– Automotive, AEC-Q100 Grade 2 (-40 °C to +105 °C)
100,000 Program / Erase Cycles
20 Years Data Retention
Packaging Options
– 56-pin TSOP
– 64-ball LAA Fortified BGA, 13 mm × 11 mm
– 64-ball LAE Fortified BGA, 9 mm × 9 mm
– 56-ball VBU Fortified BGA, 9 mm × 7 mm


Similar Part No. - S29GL01GS

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS SPANSION-S29GL01GS Datasheet
906Kb / 106P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Infineon Technologies A...
S29GL01GS INFINEON-S29GL01GS Datasheet
1Mb / 122P
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ flash Parallel, 3.0 V
Rev. U 2024-06-25
More results

Similar Description - S29GL01GS

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com