Electronic Components Datasheet Search
  English  ▼

X  

MPD100 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # MPD100
Description  High-reliability discrete products and engineering services since 1977
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MPD100 Datasheet(HTML) 2 Page - Digitron Semiconductors

  MPD100 Datasheet HTML 1Page - Digitron Semiconductors MPD100 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High-reliability discrete products
and engineering services since 1977
1N4156,1N4157,1N4453,1N4829,
1N4830,1N5179,MPD100-MPD400A
TIGHTTOLERANCESTABISTORS
Rev. 20150821
Forward Voltage VF (VOLTS) at IF @ 25°C
IF
.010mA
IF
0.10mA
IF
1.00mA
IF
10.0mA
IF
100.0mA
Type
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
1N4156
0.740
1.090
0.970
1.220
1.210
1.410
1.380
1.580
1.540
1.840
1N4157
1.190
1.540
1.520
1.770
1.850
2.050
2.120
2.320
2.360
2.660
1N4453
--
--
0.510
0.630
0.600
0.710
0.690
0.800
0.800
0.920
1N4829
--
--
0.840
1.250
0.990
1.440
1.160
1.610
1.350
1.870
1N4830
--
--
1.350
1.800
1.630
2.080
1.900
2.350
2.150
2.690
1N5179
--
--
1.800
2.500
2.200
2.800
2.600
3.200
3.000
3.700
MPD100
0.450
0.500
0.535
0.590
0.618
0.677
0.700
0.765
0.790
0.880
MPD100A
0.450
0.500
0.535
0.590
0.618
0.677
0.700
0.765
0.790
0.880
MPD200
0.900
1.000
1.050
1.160
1.220
1.340
1.390
1.540
1.600
1.760
MPD200A
0.900
1.000
1.050
1.160
1.220
1.340
1.390
1.540
1.600
1.760
MPD300
1.400
1.540
1.620
1.780
1.840
2.030
2.100
2.330
2.400
2.650
MPD300A
1.400
1.540
1.620
1.780
1.840
2.030
2.100
2.330
2.400
2.650
MPD400
1.820
2.010
2.140
2.360
2.470
2.710
2.800
3.070
3.160
3.520
MPD400A
1.820
2.010
2.140
2.360
2.470
2.710
2.800
3.070
3.160
3.520
MECHANICAL CHARACTERISTICS
Case:
DO-35
Marking
Alpha-numeric
Polarity:
Cathode band
DO-35
Inches
Millimeters
Min
Max
Min
Max
BD 0.055 0.090
1.400
2.290
BL 0.120 0.200
3.050
5.080
LD 0.018 0.022
0.460
0.560
LL 1.000 1.500 25.400 38.100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com