Electronic Components Datasheet Search
  English  ▼

X  

MPD200A Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MPD200A
Description  High-reliability discrete products and engineering services since 1977
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MPD200A Datasheet(HTML) 1 Page - Digitron Semiconductors

  MPD200A Datasheet HTML 1Page - Digitron Semiconductors MPD200A Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-reliability discrete products
and engineering services since 1977
1N4156,1N4157,1N4453,1N4829,
1N4830,1N5179,MPD100-MPD400A
TIGHTTOLERANCESTABISTORS
Rev. 20150821
FEATURES
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
Available as non-RoHS (Sn/Pb plating), standard, and as RoHS by adding “-PBF” suffix.
MAXIMUM RATINGS
Power Rating:
500 mW
Power Derating:
4.0 mW/°C above 50°C
Junction & Storage Temperatures:
-65°C to 175°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Maximum Reverse Current
IR
Stored Charge @ 1.00mA
QS (pC)
Type
25°C
nA
150°C
μA
@ VR
VOLTS
Minimum Reverse
Breakdown Voltage
VBR(VOLTS) @ 5 μA
Min
Max
Maximum
Capacitance
C(pF) @ 0 VOLTS
Number of p-n
Junctions
1N4156
50
50
20
30
50
500
25
2
1N4157
50
50
20
30
50
500
20
3
1N4453
50
50
20
30
50
500
30
1
1N4829
100
25 @ 100°C
20
30 @ 100μA
--
--
25
2
1N4830
100
25 @ 100°C
20
30 @ 100μA
--
--
20
3
1N5179
50
--
20
30
50
500
20
4
MPD100
30
50
30
30
75
300
30
1
MPD100A
30
50
30
30
800*
--
40
1
MPD200
30
50
30
30
75
400
30
2
MPD200A
30
50
30
30
800*
--
40
2
MPD300
30
50
30
60
75
400
30
3
MPD300A
30
50
30
60
800*
--
40
3
MPD400
30
50
30
90
60
300
30
4
MPD400A
30
50
30
90
800*
--
40
4
*QS @ 10Ma


Similar Part No. - MPD200A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MPD200A MICROSEMI-MPD200A Datasheet
82Kb / 2P
AXIAL LEAD DIODES
logo
Digitron Semiconductors
MPD200A DIGITRON-MPD200A Datasheet
118Kb / 2P
STABISTORS TIGHT TOLERANCE
MPD200A DIGITRON-MPD200A Datasheet
118Kb / 2P
STABISTORS
MPD200A DIGITRON-MPD200A Datasheet
118Kb / 2P
STABISTORS
logo
New Jersey Semi-Conduct...
MPD200A NJSEMI-MPD200A Datasheet
104Kb / 2P
STABISTORS
More results

Similar Description - MPD200A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
EB346 MOTOROLA-EB346 Datasheet
246Kb / 6P
Semiconductor Products Sector Engineering Bulletin
logo
List of Unclassifed Man...
MF614A ETC1-MF614A Datasheet
139Kb / 14P
High Speed Digital Services
logo
Bourns Electronic Solut...
1977-XX-XXX BOURNS-1977-XX-XXX Datasheet
222Kb / 2P
1977 Series High Frequency Coaxial SPD
PEC12R_MDS BOURNS-PEC12R_MDS Datasheet
1Mb / 4P
Encoder Since Inception
logo
Sparkle Power Inc.
FSP036-RAC SPI-FSP036-RAC Datasheet
62Kb / 1P
High efficiency and reliability
FSP065-REB SPI-FSP065-REB Datasheet
56Kb / 1P
High efficiency and reliability
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
High reliability and stability
logo
List of Unclassifed Man...
4573326590334 ETC-4573326590334 Datasheet
2Mb / 2P
Soracom IoT Connectivity and Platform Services
MW79-C ETC-MW79-C Datasheet
66Kb / 1P
Custom Wire Services
1/29/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com