Electronic Components Datasheet Search
  English  ▼

X  

TS2950 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS2950
Description  150mA Ultra Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2950 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2950 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TS2950/TS2951
150mA Ultra Low Dropout Voltage Regulator
3/10
Version: A07
TS2950/A & TS2951/A Electrical Characteristics (continued)
(VIN=VOUT +1V, Ta=25
oC, unless otherwise specified.)
Parameter
Test Conditions (note 2)
Min
Typ
Max
Unit
TS2951
1.185
1.285
Reference Voltage
(Note6)
TS2951A
1.19
1.235
1.27
V
Feedback Pin Bias Current
--
20
40
nA
Reference Voltage Temperature
Coefficient
(Note 7)
--
20
--
ppm/
oC
Feedback Pin Bias Current
Temperature Coefficient
--
0.1
--
nA/
oC
Error Comparator
Output Leakage Current
VOH= 30V
--
0.01
1
uA
Output Low Voltage
VIN= 4.5V, IOL = 400uA
--
150
250
mV
Upper Threshold Voltage
(Note 8)
40
60
--
mV
Power Threshold Voltage
(Note 8)
--
75
95
mV
Hysteresis
(Note 8)
--
15
--
mV
Shutdown Input
Output Logic Voltage
Low (Regulator ON)
High(Regulator OFF)
--
2.0
1.3
1.3
0.7
--
V
Shut down Pin Current
Vs = 2.4V
Vs = 30V
--
30
450
50
600
uA
Regulator Output Current in
Shutdown
(Note 9)
--
3
10
uA
Note 1: Output voltage temperature coefficients defined as the worst case voltage change divided by the total
temperature range.
Note 2: Unless otherwise specified all limits guaranteed for Tj= 25
oC, Vin= 6V, IL= 100uA and CL= 100uF. Additional
conditions for the 8-pin versions are feedback tied to 5V, 3.3V & 3V tap output Sense (Vout = 5V, 3.3V & 3V)
and shutdown ≤ 0.8V.
Note 3: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes
in output voltage due to heating effects are covered under the specification for thermal regulation.
Note 4: Line regulation for the TS2951 is tested at 85
oC for IL= 1mA.For IL= 100uA and Tj= 125oC, line regulation is
guaranteed by design to 0.2%.
Note 5: Dropout Voltage is defined as the input to output differential at which the output voltage drops 100mV below
its nominal value measured at 1V differential at very low value of programmed output voltage, the minimum
input supply voltage of 2V (2.3V over temperature) must be taken in to account.
Note 6: Vref ≤ Vout ≤ (Vin-1V), 2.3≤ Vin≤ 30V, 100uA≤ IL ≤ 100mA, Tj ≤ Tj(max).
Note 7: reference voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
Note 8: Comparator thresholds are expressed in terms of a voltage differential at the feedback terminal below the
nominal reference voltage measured at 6V input. To express these thresholds in terms of output voltage
change, multiply by the error amplifier gain= Vout / Vref = (R1+R2) / R2. For example, at a programmed
output voltage of 5V, the Error output is guaranteed to go low when the output drops by 95 mV X 5V / 1.250 =
384mV. Thresholds remain constant as a percent of Vout as Vout is varied with the dropout warning occurring
at typically 5% below nominal, 7.5% guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com