Electronic Components Datasheet Search
  English  ▼

X  

TS3406 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS3406
Description  600mA / 1.5MHz Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3406 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS3406 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3406 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3406 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3406 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3406 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3406 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3406 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS3406
600mA / 1.5MHz Synchronous Buck Converter
1/7
Version: A07
SOT-25
General Description
The TS3406 is a high efficiency monolithic synchronous buck regulator using a 1.5MHz constant frequency, current
mode architecture. The device is available in an adjustable version. Supply current with no load is 300µA and drops to
<1µA in shutdown. The 2.5V to 5.5V input voltage range makes the TS3406 ideally suited for single Li-Ion battery-
powered applications. 100% duty cycle provides low dropout operation, Switching frequency is internally set at
1.5MHz, allowing the use of small surface mount inductors and capacitors. The internal synchronous switch increases
efficiency and eliminates the need for an external Schottky diode. Low output voltages are easily supported with the
0.6V feedback reference voltage. The TS3406 can supply 600mA of load current at VCC=3V.
Application
●
Cellular Phones
●
Digital Still Cameras
●
Portable Electronics
●
USB Devices
Features
●
High Efficiency: Up to 96%
●
2.5V to 5.5V Input Voltage Range
●
Short Circuit Protection (SCP)
●
1.5MHz Constant Frequency Operation
●
Low Dropout Operation: 100% Duty Cycle
●
0.6V Reference Allows Low Output Voltages
●
600mA Output Current at Vcc=3V
●
Low Quiescent Current: 300uA
●
No Schottky Diode Required in Application
●
≤1uA Shutdown Current
●
Current Mode Operation for Excellent Line and Load
Transient Response
Ordering Information
Part No.
Package
Packing
TS3406CX5 RF
SOT-25
3Kpcs/ 7” Reel
Pin Description
Name
Description
EN
Power-off pin
H:normal operation
L:Step-down operation stopped
(All circuits deactivated)
GND
Ground pin
SW
Switch output pin. Connect external inductor
here. Minimize trace area at this pin to
reduce EMI.
VCC
IC power supply pin
FB
Output Feedback pin
Application Circuit
Pin Definition:
1. EN
2. Ground
3. Switching Output
4. Input
5. Feedback


Similar Part No. - TS3406

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
116Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
Dc to Dc Converter Controller
TS34063 TSC-TS34063 Datasheet
733Kb / 10P
Dc to Dc Converter Controller
TS34063 TSC-TS34063 Datasheet
353Kb / 10P
Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
Dc to Dc Converter Controller
More results

Similar Description - TS3406

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com