Electronic Components Datasheet Search
  English  ▼

X  

TS3480 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS3480
Description  Low Quiescent Current LDO Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3480 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS3480 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3480 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3480 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3480 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3480 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS3480
Low Quiescent Current LDO Voltage Regulator
1/5
Version: A07
SOT-23
General Description
TS3480 series is an integrated linear voltage regulator. It can be provided the operation from an input as high as 30V
and a guaranteed maximum dropout of 1.2V at the full 100mA load. The 1.2V quasi low dropout of TS3480 series is
able to makes them a nice fit in many applications where the 2 to 2.5V dropout of TS78LXX series devices precludes
their use.
The TS3480 series features a 5V & 3.3V member. The SOT packaging and quasi low dropout features of the TS3480
series converge in this device to provide a very nice, very tiny 5V & 3.3V, 100mA bias supply that regulates directly off
the system power supply.
Features
●
30V maximum input for operation
●
2V guaranteed maximum dropout over full load and
temperature ranges
●
100mA guaranteed minimum load current
●
±5% guaranteed output voltage tolerance over full
load and temperature ranges
●
−40 to +125˚C junction temperature range for
operation
Ordering Information
Part No.
Package
Packing
TS3480CXxx RF
SOT-23
3Kpcs / 7” Reel
Note: Where xx denotes voltage option, available are
50 = 5.0V
33 = 3.3V
contact to factory for addition voltage option
Application
●
Tiny alternative to TS78LXX series and similar
devices
●
Tiny 5V±5% to 3.3V, 100mA converter
●
Post regulator for switching DC/DC converter
●
Bias supply for analog circuits
Block Diagram
Absolute Maximum Rating (Ta = 25oC unless otherwise noted) (Note 1)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN
35
V
Operating Input Voltage
VOPER
30
V
Output Current Range
IOUT
100
mA
Power Dissipation (Note 2)
Pd
350
W
Junction Temperature
TJ
+150
oC
Operating Temperature Range
TOPER
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Time (260
oC) (Note 3)
TSOLDER
4
Sec
ESD (note 4)
2
kV
Pin Definition:
1. Output
2. Input
3. Ground


Similar Part No. - TS3480

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3480CX50 TSC-TS3480CX50 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
TS3480CXXXRF TSC-TS3480CXXXRF Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
More results

Similar Description - TS3480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1727 MICROCHIP-MCP1727 Datasheet
806Kb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1827 MICROCHIP-MCP1827 Datasheet
813Kb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
Ultra-Low Quiescent Current LDO Voltage Regulator
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS3480CX50 TSC-TS3480CX50 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1727-ADJE MICROCHIP-MCP1727-ADJE Datasheet
705Kb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
12/08/06
logo
Texas Instruments
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com