Electronic Components Datasheet Search
  English  ▼

X  

TS39100CP Datasheet(PDF) 11 Page - Taiwan Semiconductor Company, Ltd

Part # TS39100CP
Description  1A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39100CP Datasheet(HTML) 11 Page - Taiwan Semiconductor Company, Ltd

Back Button TS39100CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39100CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39100CP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39100CP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39100CP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS39100CP Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS39100CP Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS39100CP Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS39100CP Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TS39100/1/2/3/4/5
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
11/13
Version: B07
SOT-223 Mechanical Drawing
Marking Diagram
XX = Output Voltage
(12=1.24V, 15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5V)
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
SOT-223 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.350
6.850
0.250
0.270
B
2.900
3.100
0.114
0.122
C
3.450
3.750
0.136
0.148
D
0.595
0.635
0.023
0.025
E
4.550
4.650
0.179
0.183
F
2.250
2.350
0.088
0.093
G
0.835
1.035
0.032
0.041
H
6.700
7.300
0.263
0.287
I
0.250
0.355
0.010
0.014
J
10°
16°
10°
16°
K
1.550
1.800
0.061
0.071



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com