Electronic Components Datasheet Search
  English  ▼

X  

TS39150CZ Datasheet(PDF) 10 Page - Taiwan Semiconductor Company, Ltd

Part # TS39150CZ
Description  1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39150CZ Datasheet(HTML) 10 Page - Taiwan Semiconductor Company, Ltd

Back Button TS39150CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39150CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39150CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39150CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39150CZ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39150CZ Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS39150CZ Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS39150CZ Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS39150CZ Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TS39150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator
with Multi-Function
10/12
Version: A07
TO-220-5L Mechanical Drawing
Marking Diagram
TS39151 / TS39152 / TS39153
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX
= Output Voltage – TS39151 & TS39153 only
(15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5V)
XXX = CZ5 – TS39152 only
TO-220-5L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.00
10.50
0.394
0.413
B
3.240
4.440
0.128
0.175
C
2.440
2.940
0.096
0.116
D
0.260
1.020
0.010
0.040
E
1.570
1.830
0.062
0.072
F
13.31
14.13
0.524
0.556
G
4.475
5.225
0.176
0.206
H
1.170
1.370
0.046
0.054
I
27.60
29.44
1.087
1.159
J
2.175
2.925
0.086
0.115
K
0.297
0.477
0.012
0.019
L
8.280
8.800
0.326
0.346
M
6.010
6.510
0.237
0.256
N
14.29
15.31
0.563
0.603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com